Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2500-XC6DT2-PRIME Datasheet(PDF) 3 Page - MTU Onsite Energy Corporation

Part # 2500-XC6DT2-PRIME
Description  DIESEL GENERATOR SET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTU [MTU Onsite Energy Corporation]
Direct Link  http://www.mtuonsiteenergy.com
Logo MTU - MTU Onsite Energy Corporation

2500-XC6DT2-PRIME Datasheet(HTML) 3 Page - MTU Onsite Energy Corporation

  2500-XC6DT2-PRIME Datasheet HTML 1Page - MTU Onsite Energy Corporation 2500-XC6DT2-PRIME Datasheet HTML 2Page - MTU Onsite Energy Corporation 2500-XC6DT2-PRIME Datasheet HTML 3Page - MTU Onsite Energy Corporation 2500-XC6DT2-PRIME Datasheet HTML 4Page - MTU Onsite Energy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
///  /
2500-XC6DT2
// 
Engine
Manufacturer
MTU
Model
20V 4000 G83 6 ECT
Type
4-Cycle
Arrangement
20-V
Displacement: L (in3)
95.4 (5,822)
Bore: cm (in)
17 (6.69)
Stroke: cm (in)
21 (8.27)
Compression Ratio
16.4:1
Rated RPM
1,800
Engine Governor
Electronic Isochronous (ADEC)
Maximum Power: kWm (bhp)
2,740 (3,673)
Speed Regulation
±0.25%
Air Cleaner
Dry
// 
Liquid Capacity (Lubrication)
Total Oil System: L (gal)
390 (103)
Engine Jacket Water Capacity: L (gal)
205 (54.2)
After Cooler Water Capacity: L (gal)
30 (7.9)
System Coolant Capacity: L (gal)
860 (227)
// 
Electrical
Electric Volts DC
24
Cold Cranking Amps Under -17.8 °C (0 °F)
4,200
// 
Fuel System
Fuel Supply Connection Size
#16 JIC 37° Female
1” NPT Adapter Provided
Fuel Return Connection Size
#16 JIC 37° Female
1” NPT Adapter Provided
Maximum Fuel Lift: m (ft)
1 (3)
Recommended Fuel
Diesel #2
Total Fuel Flow: L/hr (gal/hr)
1,620 (428)
// 
Fuel Consumption
PRIME
At 100% of Power Rating: L/hr (gal/hr)
647 (171)
At 75% of Power Rating: L/hr (gal/hr)
511 (135)
At 50% of Power Rating: L/hr (gal/hr)
367 (97)
// 
Cooling - Radiator System
PRIME
Ambient Capacity of Radiator: °C (°F)
48 (118)
Maximum Allowable Static
Pressure on Rad. Exhaust: kPa (in. H
20)
0.12 (0.5)
Water Pump Capacity: L/min (gpm)
1,567 (414)
After Cooler Pump Capacity: L/min (gpm)
567 (150)
Heat Rejection to Coolant: kW (BTUM)
970 (55,162)
Heat Rejection to After Cooler: kW (BTUM)
670 (38,102)
Heat Radiated to Ambient: kW (BTUM)
217.3 (12,360)
Fan Power: kW (hp)
60.6 (81.3)
// 
Air Requirements
PRIME
Aspirating: *m3/min (SCFM)
240 (8,476)
Air Flow Required for Rad.
Cooled Unit: *m3/min (SCFM)
3,082 (108,843)
Remote Cooled Applications;
Air Flow Required for Dissipation
of Radiated Gen-set Heat for a
Max of 25 °F Rise: *m3/min (SCFM)
794 (27,875)
* Air density = 1.184 kg/m3 (0.0739 lbm/ft3)
// 
Exhaust System
PRIME
Gas Temp. (Stack): °C (°F)
465 (869)
Gas Volume at Stack
Temp: m3/min (CFM)
576 (20,341)
Maximum Allowable
Back Pressure: kPa (in. H
20)
8.5 (34.1)
APPLICATION DATA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com