Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AATIAN16 Datasheet(PDF) 6 Page - SiGe Semiconductor, Inc.

Part # AATIAN16
Description  600mA Step-Down Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

AATIAN16 Datasheet(HTML) 6 Page - SiGe Semiconductor, Inc.

  AATIAN16 Datasheet HTML 1Page - SiGe Semiconductor, Inc. AATIAN16 Datasheet HTML 2Page - SiGe Semiconductor, Inc. AATIAN16 Datasheet HTML 3Page - SiGe Semiconductor, Inc. AATIAN16 Datasheet HTML 4Page - SiGe Semiconductor, Inc. AATIAN16 Datasheet HTML 5Page - SiGe Semiconductor, Inc. AATIAN16 Datasheet HTML 6Page - SiGe Semiconductor, Inc. AATIAN16 Datasheet HTML 7Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Table 2: AAT1106 EVAL Bill of Materials.
Output Voltage
The board has an R1 value of 316kΩ. To adjust the output from the 1.8V default, select R2 according to Table
3 or use the jumper JP2. A smaller value resistor divider can be used for better noise immunity, values are
shown in column 3. A larger value resistor divider is used as default for lower current consumption. Standard
1% resistor values are substituted for calculated values.
Table 3: Resistor Selection for Adjustable Output Voltage.
Component
Part Number
Description
Manufacturer
U1
AAT1106
1.5 MHz, 600mA Synchronous
Analogic Tech
Step-Down Converter
L1
SF32-2R2M-R
Inductor 2.2UH 1.8A SMD
Fenfa
C1
GRM42-6X7R475K16PT
Cap Ceramic 4.7µF16V X7R 10% 1206
Murata
C2
C1005COG1H220JT000P
Cap Ceramic 22pF 50V C0G 5% 0402
TDK
C3
GRM31BR71C106KA01L
Cap Ceramic 10µF 16V X7R 10% 1206
Murata
R1, R2A
Chip Resistor
Resistor 316KΩ 1/16W 1% 0402 SMD
R2B
Chip Resistor (optional)
Resistor 470kΩ 1/16W 1% 0402 SMD
R2C
Chip Resistor (optional)
Resistor 634KΩ 1/16W 1% 0402 SMD
R2D
Chip Resistor (optional)
Resistor 1MΩ 1/16W 1% 0402 SMD
No Designator
SM6T6V8A (optional)
6.8V TVS
ST
R1 = 316kΩ
R1 = 59kΩ
R1 = 316kΩ
R1 = 59kΩ
V
OUT (V)
R2 (kΩ)
R2 (kΩ)
V
OUT (V)
R2 (kΩ)
R2 (kΩ)
0.6
0(short)
0(short)
0.6
0(short)
0(short)
0.80
105
19.6
1.90
681
127
1.00
210
39.2
2.00
732
137
1.20
316
59.0
2.10
787
147
1.30
365
68.1
2.20
845
158
1.40
422
78.7
2.32
909
169
1.50
475
88.7
2.40
953
178
1.60
523
97.6
2.50
1000
187
1.70
576
107
3.30
1430
267
1.80
634
118
EV138
AAT1106 EVAL:
600mA Step-Down Converter
6
EV-138.2007.08.1.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com