Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM8903 Datasheet(PDF) 11 Page - STMicroelectronics

Part # PM8903
Description  3 A step-down monolithic switching regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8903 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PM8903 Datasheet HTML 7Page - STMicroelectronics PM8903 Datasheet HTML 8Page - STMicroelectronics PM8903 Datasheet HTML 9Page - STMicroelectronics PM8903 Datasheet HTML 10Page - STMicroelectronics PM8903 Datasheet HTML 11Page - STMicroelectronics PM8903 Datasheet HTML 12Page - STMicroelectronics PM8903 Datasheet HTML 13Page - STMicroelectronics PM8903 Datasheet HTML 14Page - STMicroelectronics PM8903 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
PM8903
Electrical specifications
Doc ID 022748 Rev 1
11/34
4.4
Typical operating characteristics
(The demonstration board as described in
Chapter 7.1 on page 25, RPM=0 Ω, VIN = VCC = 3.3
V, VOUT=1V5, TJ = 25 °C, unless otherwise specified.)
Figure 4.
Efficiency vs. output current -
VIN = 3.3 V
Figure 5.
Efficiency vs. output current -
VIN = 5 V
Figure 6.
Load regulation - VIN = 3.3V
Figure 7.
Load regulation - VIN = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com