Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS3400 Datasheet(PDF) 21 Page - ams AG

Part # AS3400
Description  Low Power Ambient Noise-Cancelling Speaker Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3400 Datasheet(HTML) 21 Page - ams AG

Back Button AS3400 Datasheet HTML 17Page - ams AG AS3400 Datasheet HTML 18Page - ams AG AS3400 Datasheet HTML 19Page - ams AG AS3400 Datasheet HTML 20Page - ams AG AS3400 Datasheet HTML 21Page - ams AG AS3400 Datasheet HTML 22Page - ams AG AS3400 Datasheet HTML 23Page - ams AG AS3400 Datasheet HTML 24Page - ams AG AS3400 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
www.austriamicrosystems.com
Revision 1.02
21 - 51
AS3400 AS3410 AS3430 1v0
Data Sheet - D e t a i l e d D e s c r i p t i o n
8.5.4 Status Indication
AS3410and AS3430 features a on-status information via the current output pin ILED. The current can be controlled in 3 steps and be switched
off, by setting the PWM to 0%, 25%, 50% or 100% duty cycle of a 50kHz signal.
If LOW_BAT is active, ILED switches to blinking with 1Hz, 50% duty cycle and 50% current setting.
8.6 VNEG Charge Pump
The VNEG charge pump uses one external 1uF capacitor to generate a negative supply voltage out of the battery input voltage to supply all
audio related blocks. This allows a true-ground headphone output with no more need of external dc-decoupling capacitors.
8.6.1 Parameter
VBAT=1.5V, TA= 25ºC, unless otherwise specified.
8.7 OTP Memory & Internal Registers
The OTP memory consists of OTP register and the OTP fuses.The OTP register can be written as often as wanted but will lose the content on
power off. The OTP fuses are intended to store basic chip configurations as well as the microphone gain settings to optimize the ANC
performance and get rid of sensitivity variations of different microphones. Burning the fuses can only be done once and is a permanent change,
which means the fuses keep the content even if the chip is powered down. This AS3400/10/30 offers 4 register set for storing the microphone
gain making it possible to change the gain 3 times for re-calibration or other purposes.
When the chip is controlled by a microcontroller via I2C, the OTP memory don’t has to be used.
8.7.1 Register & OTP Memory Configuration
Figure 19 is showing the principal register interaction.
Figure 19. Register Access
Table 11. Headphone Output Parameter
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VIN
Input voltage
VBAT
1.0
1.5
1.8
V
VOUT
Output voltage
VNEG
-0.7
-1.5
-1.8
V
CEXT
External flying capacitor
1µF
OTP Register
10h...16h; 30h...35h
OTP
Fuses
BURN
LOAD
Register
0x8,0x9,0xA
0xB, 0xC, 0x21
OTP WRITE
OTP READ
normal I2C write
normal I2C read
Register
8h...21h
OTP path is default
but can be switched
by register setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com