Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NX7529 Datasheet(PDF) 1 Page - California Eastern Labs

Part # NX7529
Description  NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NX7529 Datasheet(HTML) 1 Page - California Eastern Labs

  NX7529 Datasheet HTML 1Page - California Eastern Labs NX7529 Datasheet HTML 2Page - California Eastern Labs NX7529 Datasheet HTML 3Page - California Eastern Labs NX7529 Datasheet HTML 4Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NEC's 1550 nm InGaAsP MQW FP
PULSED LASER DIODE
IN COAXIAL PACKAGE
FOR OTDR APPLICATION (20 mW MIN)
NX7529BB-AA
FEATURES
• HIGH OUTPUT POWER:
Pf = 40 mW at IFP = 400 mA,
Pulse Conditions: Pulse width (PW) = 10 µs, Duty = 1%.
• LONG WAVELENGTH:
λC = 1550 nm
NEC's NX7529BB-AA is a 1550 nm Multiple Quantum Well
(MQW) structured Fabry-Perot (FP) laser diode coaxial mod-
ule with single mode fiber. This module is specified to operate
under pulsed conditions and is designed for a light source of
Optical Time Domain Reflectometer(OTDR).
DESCRIPTION
PART NUMBER
NX7529BB-AA
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
VFP
Forward Voltage, IFP = 400 mA, PW = 10 µs,
V
2.5
4.0
Duty = 1%
ITH
Threshold Current
mA
40
50
Pf
Optical Output Power from Fiber, IFP = 400 mA,
mW
20
40
PW = 10 µs, Duty = 1%
λC
Center Wavelength, IFP = 400 mA, PW = 10 µs,
nm
1530
1550
1570
Duty = 1%, RMS (-20 dB)
σ
Spectral Width, IFP = 400 mA, PW = 10 µs,
nm
6.0
10.0
Duty = 1%, RMS (-20 dB)
tr
Rise Time, 10-90%
ns
1.0
tf
Fall Time, 90-10%
ns
1.0
ELECTRO-OPTICAL CHARACTERISTICS (TC = 25°C)
PART NUMBER
NX7529BB-AA
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
Ith
Threshold Current
mA
75
Pf
Optical Output Power from Fiber, IFP = 400 mA,
mW
10
PW = 10 µs, Duty = 1%
λC
Center Wavelength, IFP = 400 mA, PW = 10 µs,
nm
1520
1585
Duty = 1%, RMS (-20 dB)
∆λ/∆T
Temperature Dependency of Center Wavelength
nm/°C
0.35
σ
Spectral Width, IFP = 400 mA, PW = 10 µs,
nm
10
Duty = 1%, RMS (-20 dB)
ELECTRO-OPTICAL CHARACTERISTICS (TC = 0 to +60°C)
California Eastern Laboratories


Similar Part No. - NX7529

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NX7529BB-AA CEL-NX7529BB-AA Datasheet
184Kb / 4P
NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN COAXIAL PACKAGE FOR OTDR APPLICATION (20 mW MIN)
logo
Renesas Technology Corp
NX7529BB-AA RENESAS-NX7529BB-AA Datasheet
213Kb / 10P
LASER DIODE
2001
logo
California Eastern Labs
NX7529BB-AA-AZ CEL-NX7529BB-AA-AZ Datasheet
184Kb / 4P
NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN COAXIAL PACKAGE FOR OTDR APPLICATION (20 mW MIN)
More results

Similar Description - NX7529

ManufacturerPart #DatasheetDescription
logo
NEC
NX8503BG NEC-NX8503BG Datasheet
98Kb / 5P
NECs 1550 nm InGaAsP MQW DFB LASER DIODE
NX5304 NEC-NX5304 Datasheet
165Kb / 5P
NECs 1310 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE
logo
California Eastern Labs
NX5501 CEL-NX5501 Datasheet
452Kb / 7P
NECs 1550 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR FTTH APPLICATION
NX5504 CEL-NX5504 Datasheet
309Kb / 6P
NECs 1550 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR FTTH APPLICATION
NX7561JB-BC CEL-NX7561JB-BC Datasheet
180Kb / 4P
NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE FOR OTDR APPLICATION (135 mW MIN)
NX7661 CEL-NX7661 Datasheet
185Kb / 4P
NECs 1625 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE
NX7561 CEL-NX7561 Datasheet
185Kb / 4P
NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE
NX7528 CEL-NX7528 Datasheet
190Kb / 4P
NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE IN DIP PACKAGE
NX7527 CEL-NX7527 Datasheet
189Kb / 4P
NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE
NX7526 CEL-NX7526 Datasheet
189Kb / 3P
NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com