Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

THN20 Datasheet(PDF) 1 Page - Touchstone Semiconductor Inc

Part # THN20
Description  DC/DC Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

THN20 Datasheet(HTML) 1 Page - Touchstone Semiconductor Inc

  THN20 Datasheet HTML 1Page - Touchstone Semiconductor Inc THN20 Datasheet HTML 2Page - Touchstone Semiconductor Inc THN20 Datasheet HTML 3Page - Touchstone Semiconductor Inc THN20 Datasheet HTML 4Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
http://www.tracopower.com
Page 1 of 4
DC/DC Converters
THN 20 Series, 20 Watt
Features
Smallest encapsulated 20W Converter!
Ultra compact size: 1.0” x 1.0” x 0.4”
Shielded metal case with isolated
baseplate
Wide 2:1 input voltage ranges
Very high efficiency up to 90%
Output voltage adjustable
Remote On/Off control
Operating temp. range –40°C to +75°C
and up to 85 °C with heat-sink
I/O isolation voltage 1500 VDC
Input filter meets EN 55022 class A
without external components
No minimum load required
Lead free design, RoHS compliant
3-year product warranty
The THN-20 series is the latest generation of high performance dc-dc converter
modules with highest power density. The product achieves 20W output power while
it comes in a metal case with dimensions of only 1.0”x 1.0”x 0.4”.
All models have an wide 2:1 input voltage range and precisely regulated output
voltages, even under no load conditions. Highest efficiency of up to 90% makes this
product very reliable and applicable in temperature ranges of up to 75°C or 85°C
with optional mounted heat sink. Together with low input current characteristics at
minimal load and remote On/Off control these converters are the ideal solution for
battery-operated systems. Typical applications are in mobile equipments, instrumen-
tation, distributed power architectures in communication and industrial electronics
and everywhere where space on the PCB is critical.
Order code
Input voltage range
Output voltage
Output current max.
Efficiency typ.
THN 20-1210
3.3 VDC
4500 mA
86 %
THN 20-1211
5.0 VDC
4000 mA
90 %
THN 20-1212
9 – 18 VDC
12 VDC
1670 mA
89 %
THN 20-1213
(12 VDC nominal)
15 VDC
1330 mA
89 %
THN 20-1222
±12 VDC
±833 mA
89 %
THN 20-1223
±15 VDC
±667 mA
89 %
THN 20-2410
3.3 VDC
4500 mA
86 %
THN 20-2411
5.0 VDC
4000 mA
90 %
THN 20-2412
18 – 36 VDC
12 VDC
1670 mA
90 %
THN 20-2413
(24 VDC nominal)
15 VDC
1330 mA
90 %
THN 20-2422
±12 VDC
±833 mA
90 %
THN 20-2423
±15 VDC
±667 mA
90 %
THN 20-4810
3.3 VDC
4500 mA
86 %
THN 20-4811
5.0 VDC
4000 mA
90 %
THN 20-4812
36 – 75 VDC
12 VDC
1670 mA
90 %
THN 20-4813
(48 VDC nominal)
15 VDC
1330 mA
90 %
THN 20-4822
±12 VDC
±833 mA
90 %
THN 20-4823
±15 VDC
±667 mA
90 %
Models
CB
Scheme
UL 60950-1UL 60950-1
pen
din
g


Similar Part No. - THN20

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
THN20 TRACOPOWER-THN20 Datasheet
908Kb / 5P
DC/DC Converter THN 20 Series, 20 Watt
Rev. November 30, 2022
THN20 TRACOPOWER-THN20 Datasheet
349Kb / 1P
Heat Sink
Rev. November 30, 2022
THN20-1210 TRACOPOWER-THN20-1210 Datasheet
908Kb / 5P
DC/DC Converter THN 20 Series, 20 Watt
Rev. November 30, 2022
THN20-1211 TRACOPOWER-THN20-1211 Datasheet
908Kb / 5P
DC/DC Converter THN 20 Series, 20 Watt
Rev. November 30, 2022
THN20-1212 TRACOPOWER-THN20-1212 Datasheet
908Kb / 5P
DC/DC Converter THN 20 Series, 20 Watt
Rev. November 30, 2022
More results

Similar Description - THN20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF100 ETC1-WF100 Datasheet
55Kb / 2P
DC/DC Converters
logo
Murata Manufacturing Co...
MPD0S001S MURATA-MPD0S001S Datasheet
86Kb / 3P
DC-DC Converters
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
DC-DC Converters
VED30 CUI-VED30 Datasheet
203Kb / 3P
DC-DC Converters
logo
Emerson Network Power
PTH05050 EMERSON-NETWORKPOWER-PTH05050 Datasheet
411Kb / 5P
DC-DC CONVERTERS
PTH05060 EMERSON-NETWORKPOWER-PTH05060 Datasheet
341Kb / 4P
DC-DC CONVERTERS
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
DC-DC CONVERTERS
PTH12060 EMERSON-NETWORKPOWER-PTH12060 Datasheet
371Kb / 5P
DC/DC CONVERTERS
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
DC-DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com