Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AT28HC64B Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT28HC64B
Description  64K (8K x 8) High Speed Parallel EEPROM with Page Write and Software Data Protection
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28HC64B Datasheet(HTML) 2 Page - ATMEL Corporation

  AT28HC64B Datasheet HTML 1Page - ATMEL Corporation AT28HC64B Datasheet HTML 2Page - ATMEL Corporation AT28HC64B Datasheet HTML 3Page - ATMEL Corporation AT28HC64B Datasheet HTML 4Page - ATMEL Corporation AT28HC64B Datasheet HTML 5Page - ATMEL Corporation AT28HC64B Datasheet HTML 6Page - ATMEL Corporation AT28HC64B Datasheet HTML 7Page - ATMEL Corporation AT28HC64B Datasheet HTML 8Page - ATMEL Corporation AT28HC64B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
0274K–PEEPR–8/08
AT28HC64B
2.
Pin Configurations
2.1
28-lead PDIP/SOIC Top View
Pin Name
Function
A0 - A12
Addresses
CE
Chip Enable
OE
Output Enable
WE
Write Enable
I/O0 - I/O7
Data Inputs/Outputs
NC
No Connect
DC
Don’t Connect
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
NC
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
GND
VCC
WE
NC
A8
A9
A11
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
2.2
32-lead PLCC Top View
Note:
PLCC package pins 1 and 17 are Don’t Connect.
2.3
28-lead TSOP Top View
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
A6
A5
A4
A3
A2
A1
A0
NC
I/O0
A8
A9
A11
NC
OE
A10
CE
I/O7
I/O6
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
OE
A11
A9
A8
NC
WE
VCC
NC
A12
A7
A6
A5
A4
A3
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
GND
I/O2
I/O1
I/O0
A0
A1
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com