Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6571 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6571
Description  High voltage half bridge driver with oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6571 Datasheet(HTML) 4 Page - STMicroelectronics

  L6571 Datasheet HTML 1Page - STMicroelectronics L6571 Datasheet HTML 2Page - STMicroelectronics L6571 Datasheet HTML 3Page - STMicroelectronics L6571 Datasheet HTML 4Page - STMicroelectronics L6571 Datasheet HTML 5Page - STMicroelectronics L6571 Datasheet HTML 6Page - STMicroelectronics L6571 Datasheet HTML 7Page - STMicroelectronics L6571 Datasheet HTML 8Page - STMicroelectronics L6571 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Pin connection
L6571A - L6571B
4/12
Doc ID 4946 Rev 6
2
Pin connection
Figure 2.
Pin connection
Table 4.
Pin description
Pin
Description
1
VS
Supply input voltage with internal clamp [typ. 15.6V]
2
RF
Oscillator timing resistor pin. A buffer set alternatively to VS and GND can provide
current to the external resistor RF connected between pin 2 and 3. Alternatively,
the signal on pin 2 can be used also to drive another IC (i.e. another L6569/71 to
drive a full H-bridge)
3
CF
Oscillator timing capacitor pin. A capacitor connected between this pin and GND
fixes (together with RF) the oscillating frequency Alternatively an external logic
signal can be applied to the pin to drive the IC.
4
GND
Ground
5
LVG
Low side driver output. The output stage can deliver 170mA source and 270mA
sink [typ.values].
6
OUT
Upper driver floating reference
7
HVG
High side driver output. The output stage can deliver 170mA source and 270mA
sink [typ.values].
8
BOOT
Bootstrap voltage supply. It is the upper driver floating supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com