Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TCF6000 Datasheet(PDF) 2 Page - Motorola, Inc

Part # TCF6000
Description  PERIPHERAL CLAMPING ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TCF6000 Datasheet(HTML) 2 Page - Motorola, Inc

  TCF6000 Datasheet HTML 1Page - Motorola, Inc TCF6000 Datasheet HTML 2Page - Motorola, Inc TCF6000 Datasheet HTML 3Page - Motorola, Inc TCF6000 Datasheet HTML 4Page - Motorola, Inc TCF6000 Datasheet HTML 5Page - Motorola, Inc TCF6000 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TCF6000
2
MOTOROLA ANALOG IC DEVICE DATA
MAXIMUM RATINGS (TA = 25°C, unless otherwise noted, Note 1.)
Rating
Symbol
Value
Unit
Supply Voltage
VCC
6.0
V
Supply Current
Ii
300
mA
Clamping Current
IIK
±50
mA
Junction Temperature
TJ
150
°C
Power Dissipation (TA = + 85°C)
PD
400
m/W
Thermal Resistance (Junction–Ambient)
θJA
100
°C/W
Operating Ambient Temperature Range
TA
–40 to +85
°C
Storage Temperature Range
Tstg
–55 to + 150
°C
NOTE: 1. Values beyond which damage may occur.
ELECTRICAL CHARACTERISTICS (TA = 25°C, 4.5 ≤ VCC ≤ 5.5 V, unless otherwise noted.)
Characteristics
Symbol
Min
Max
Unit
Positive Clamping Voltage (Note 2)
(IIK = 10 mA, –40°C ≤ TA ≤ + 85°C)
V(IK)
VCC + 1.0
V
Positive Peak Clamping Current
IIK(P)
20
mA
Negative Peak Clamping Voltage
(IIK = –10 mA, –40°C ≤ TA ≤ + 85°C)
V(IK)
–0.3
V
Negative Peak Clamping Current
IIK(P)
–20
mA
Output Leakage Current
(0 V
≤ Vin ≤ VCC)
(0 V
≤ Vin ≤ VCC, –40°C ≤ TA ≤ + 85°C)
IL
ILT
1.0
5.0
µA
Channel Crosstalk (ACT = 20 log IL/IIK)
ACT
100
dB
Quiescent Current (Package)
IB
2.0
mA
NOTE: 2. The device might not give 100% protection in CMOS applications.
CIRCUIT DESCRIPTION
To ensure the reliable operation of any integrated circuit
based electronics system, care has been taken that voltage
transients do not reach the device I/O pins. Most NMOS,
HMOS and Bipolar integrated circuits are particularly
sensitive to negative voltage peaks which can provoke
latch–up or otherwise disturb the normal functioning of the
circuit, and in extreme cases may destroy the device.
Generally the maximum rating for a negative voltage
transients on integral circuits is –0.3 V over the whole
temperature range. Classical protection units have consisted
of diode/resistor networks as shown in Figures 2a and 2b.
The arrangement in Figure 2a does not, in general, meet
the specification and is therefore inadequate.
The problem with the solution shown if Figure 2b lies
mainly with the high current drain through the biassing
devices R1 and D3. A second problem exists if the input line
carries an analog signal. When Vin is close to the ground
potential, currents arising from leakage and mismatch
between D3 and D2 can be sourced into the input line, thus
disturbing the reading.
(a)
(b)
Figure 2. Classical Protection Circuits
VCC
D1
Vin
Rin
D2
Cin
Gnd
Gnd
µC
D3
Vin Rin
Cin
R1
VCC
D2
µC
D1
Figure 3 shows the clamping characteristics which
are common to each of the six cells in the Peripheral
Clamping Array.
As with the classical protection circuits, positive voltage
transients are clamped by means of a fast diode to the VCC
supply line.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com