Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

B366 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # B366
Description  MISCELLANEOUS HARDWARE-ACCESSORIES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B366 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  B366 Datasheet HTML 1Page - List of Unclassifed Manufacturers B366 Datasheet HTML 2Page - List of Unclassifed Manufacturers B366 Datasheet HTML 3Page - List of Unclassifed Manufacturers B366 Datasheet HTML 4Page - List of Unclassifed Manufacturers B366 Datasheet HTML 5Page - List of Unclassifed Manufacturers B366 Datasheet HTML 6Page - List of Unclassifed Manufacturers B366 Datasheet HTML 7Page - List of Unclassifed Manufacturers B366 Datasheet HTML 8Page - List of Unclassifed Manufacturers B366 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
D
D5
APEM, PO BOX 8288, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (781) 245-4531 E-mail: info@apem.com
MISCELLANEOUS PUSHBUTTON ACCESSORIES & CAPS
PANEL DRESS NUTS & CAPS FOR PUSHBUTTON SWITCHES
ASSEMBLY
FITS SWITCH
OPTION(S)
INCLUDES
NUMBER
MODEL
REQUIRED
DRESS NUT
CAP
A1354P1
810/820
KM
A495P1
B494P1
A1354P2
401/402
S
A495P1
B494P2
A1354P3
PB
PY
A495P1
B494P3
A1355P1
810/820
KM
A495P2
B494P1
A1355P2
302
NONE
A495P2
B494P2
A1355P2
401/402
NONE
A495P2
B494P2
A1355P3
PB
PY or P2Y1
A495P2
B494P3
PART NO.
A DIA.
B DIA.
A495P1
.385
.323
A495P2
.413
.245
'A' dimension is determined by
panel thickness indicated in table
and allows for (1) back-up Nut
A112 and (1) Lockwasher A115.
Order these separately to provide
for secure, vibration resistant
mounting.
SWITCH
OPTION
A1354
A1355
MODEL
(IF REQ'D)
A
P.T.
A
P.T.
810/820
KM
.040
.062
.090
.093
PB
PY
.100
.125
.135
.171
PB
P2Y1
-
-
.120
.093
302
-
-
-
.070
.078
401/402
-
-
-
.130
.078
401/402
S
.130
.062
-
-
Order Assembly Number from chart to left. Add cap color no.
from color code chart below. Example: A1354P36 indicates
assembly to fit a PB switch and is supplied with a red cap.
COLOR CAP Vinyl plastisol
PUSHBUTTON CAPS (ALL)
PUSHBUTTON CAP A212
COLOR CAPS B366 & B497
PUSHBUTTON CAPS A180 & A496
PUSHBUTTON CAP A235
PUSHBUTTON CAP A420
Material - Nylon
Caps press fit adequately, however
they may be pulled off. If permanent
retention is required, cement with
Loctite 405 or equivalent, insuring
no cement enters switch.
PART NO.
DIM. A
FITS ACTUATOR
A118
5/16
K
A391
3/16
L2
A392
3/4
L
FITS PB SERIES
B366 fits 300 & 400 Series with
S option only, and all PB Series.
B497 fits 800 Series with options
KM, KS, KM1, K1M1 & K2M1.
A180 fits all PB Series.
A496 fits 800 Series with options
KM, KS, KM1, K1M1, K2M, K2S
&K2M1.
* - fits all PB, 300 & 400 Series.
** - fits 800 Series with options
KM, KS, KM1 & K2M1.
* - Fits all 300 Series except 301
& 305. Fits 301 & 305 with S
option. Fits all 400 & PB Series.
** - Fits 800 Series withoptions KM,
KS, KM1 & K2M1.
Code
Color
Code
Color
1
blue
2
black
3
green
4
gray
5
yellow
6
red
7
ivory
8
white
9
orange
STANDARD COLOR CODE
For nylon caps, actuators, bezels & bezel inserts.
To specify, add selected color code to part number. Example: A2122 is a
black A212 Cap.To specify for actuators, bezels and bezel inserts, see
'Order Format' section following specific series information in this catalog.
Note: additional caps are
shown in some switch sections.
(P.T.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com