Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ML7005 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ML7005
Description  DTMF Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7005 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ML7005 Datasheet HTML 3Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML7005 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
FEDL7005-01
ML7005
7/25
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Power Supply
Voltage
VDD
-0.3 to +7
V
Input Voltage
VI
Ta = 25°C
With respect to GND
-0.3 to VDD+0.3
V
Storage Temperature
TSTG
-55 to +150
°C
Output Short Current
ISHT
Short to VDD or GND
35
mA
Power Dissipation
PD
100
mW
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Power supply voltage
VDD
+2.7
+3.6
+5.5
V
Operating Temperature
Range
TOP
-30
+85
°C
Input Clock Frequency
Deviation
fCLK
-0.1
+0.1
%
Input Clock duty
DUTY
An external clock
is applied to X1
40
60
%
X1, X2 Load Capacitance
C1,C2
18
20
22
pF
SG Bypass Capacitance
C3
SG - GND
1
C4
10
VDD Bypass Capacitance
C5
VDD - GND
0.1
F
Digital Input Rise Time
tIR
50
Digital Input Fall Time
tIF
PD, READB, CSB,
ALE, WRB, D3 to D0
50
ns
CDL1
FXDO, CPDO, D3 to D0
40
Digital Ouput Load
Capacitance
CDL2
CLKO
20
pF
Frequency Deviation
+25°C ±5°C
-100
+100
Temperature
Characteristics
–30°C to +85°C
-100
+100
ppm
Equivalent Series
Resistance
90

Load Capacitance
16
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com