Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ML9460 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ML9460
Description  Common Driver for Dot Matrix STN Liquid Crystal Display
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9460 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ML9460 Datasheet HTML 17Page - List of Unclassifed Manufacturers ML9460 Datasheet HTML 18Page - List of Unclassifed Manufacturers ML9460 Datasheet HTML 19Page - List of Unclassifed Manufacturers ML9460 Datasheet HTML 20Page - List of Unclassifed Manufacturers ML9460 Datasheet HTML 21Page - List of Unclassifed Manufacturers ML9460 Datasheet HTML 22Page - List of Unclassifed Manufacturers ML9460 Datasheet HTML 23Page - List of Unclassifed Manufacturers ML9460 Datasheet HTML 24Page - List of Unclassifed Manufacturers ML9460 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
FEDL9460-01
LAPIS Semiconductor
ML9460
21/27
6.4.2 AC Characteristics 2
VDD = 2.5 to 4.5V, VSS = 0V, V2 = 21.5V, VC = 0V, VMV2 =-21.5V, Tj = –30 to +75°C
No.
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Applicable pins
1
Output delay time
tpd
(*2)
—
—
1.2
s
O1–O240, FR
“—” indicates that no particular value is specified.
6.4.3 AC Characteristics 3
VDD = 4.5 to 5.5V, VSS = 0V, V2 = 21.5V, VC = 0V, VMV2 =-21.5V, Tj = –30 to +75°C
No.
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Applicable pins
1
Output delay time
tpd
(*2)
—
—
0.7
s
O1–O240, FR
“—” indicates that no particular value is specified.
*1: Load condition
*2: Load condition
*3: If any signal whose pulse width is shorter than this value, the device may not operate normally.
30 pF
100 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com