Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS44261 Datasheet(PDF) 7 Page - International Rectifier

Part # AS44261
Description  DUAL LOW SIDE DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AS44261 Datasheet(HTML) 7 Page - International Rectifier

Back Button AS44261 Datasheet HTML 3Page - International Rectifier AS44261 Datasheet HTML 4Page - International Rectifier AS44261 Datasheet HTML 5Page - International Rectifier AS44261 Datasheet HTML 6Page - International Rectifier AS44261 Datasheet HTML 7Page - International Rectifier AS44261 Datasheet HTML 8Page - International Rectifier AS44261 Datasheet HTML 9Page - International Rectifier AS44261 Datasheet HTML 10Page - International Rectifier AS44261 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
AUIRS44261S
www.irf.com
© 2010 International Rectifier
7
Static Electrical Characteristics Vs=4.8V
Unless otherwise noted, these specifications apply for an operating junction temperature range of -40°C ≤ Tj ≤ 125°C
with bias conditions of VBIAS (VS) = 4.8 V. The VIN and IIN parameters are referenced to GND and are applicable to
input leads: INA and INB. The VO and IO parameters are referenced to GND and are applicable to the output leads:
OUTA and OUTB.
(†) Guaranteed by design
Dynamic Electrical Characteristics Vs=4.8V
Unless otherwise noted, these specifications apply for an operating junction temperature range of -40°C ≤ Tj ≤ 125°C
with bias conditions of VBIAS (VS) = 4.8 V, CL = 1000pF. The dynamic electrical characteristics are measured using
the test circuit shown in Fig. 3.
(note 1) from 50% input to 25% output
(note2) from 50% input to 75% output
(note3) from 10% to 65%
Symbol
Definition
Min
Typ
Max
Units
Test Conditions
VIH
Logic “0” input voltage
2.7
V
VIL
Logic “1” input voltage
0.8
V
VOH25
High level output voltage, VBIAS -VO
1.6
V
IO = 2 mA, Tj = 25°C
VOH-40
High level output voltage, VBIAS -VO
2.2
V
IO = 2 mA, Tj=-40°C
VOH125
High level output voltage, VBIAS -VO
1.6
V
IO = 2 mA, Tj=125°C
VOL
Low level output voltage, VO
0.1
V
IO = 2 mA
IIN+
Logic “1” input bias current (OUT = HI)
5
10
µA
VIN = 0 V
IIN-
Logic “0” input bias current (OUT = LO)
0
1
VIN = VS
IQB
Quiescent VS supply current
25
45
VIN = 0 V or VS
IO+
Output high short circuit pulsed current
(†)
430
640
mA
VO = 0 V, VIN = 0
PW ≤ 10 µs
IO-
Output high short circuit pulsed current
(†)
530
850
VO = 4.8 V, VIN = VS
PW ≤ 10 µs
Symbol
Definition
Min Typ Max Units Test Conditions
Propagation delay characteristics
ns
Figure 2
td1
Turn-on propagation delay (note 1)
130 220
td2
Turn-off propagation delay ( note 2)
150 250
tr
Turn-on rise time ( note 3)
40
75
tf
Turn-off fall time ( note 4)
50
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com