Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ST1S40 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST1S40
Description  3 A DC step-down switching regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S40 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST1S40 Datasheet HTML 4Page - STMicroelectronics ST1S40 Datasheet HTML 5Page - STMicroelectronics ST1S40 Datasheet HTML 6Page - STMicroelectronics ST1S40 Datasheet HTML 7Page - STMicroelectronics ST1S40 Datasheet HTML 8Page - STMicroelectronics ST1S40 Datasheet HTML 9Page - STMicroelectronics ST1S40 Datasheet HTML 10Page - STMicroelectronics ST1S40 Datasheet HTML 11Page - STMicroelectronics ST1S40 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Functional description
ST1S40
8/29
DocID17928 Rev 5
5.1
Internal soft-start
The soft-start is essential to assure correct and safe startup of the step-down converter. It
avoids inrush current surge and causes the output voltage to increase monothonically.
The soft-start is performed by ramping the non-inverting input (VREF) of the error amplifier
from 0 V to 0.8 V in around 1 ms.
5.2
Error amplifier and control loop stability
The error amplifier compares the FB pin voltage with the internal 0.8 V reference and it
provides the error signal to be compared with the output of the current sense circuitry, that is
the high side Power MOSFET current. Comparing the output of the error amplifier and the
peak inductor current implements the peak current mode control loop.
The error amplifier is a transconductance amplifier (OTA). The uncompensated
characteristics are listed inTable 5.
Table 5. Error amplifier characteristics
The ST1S40 device embeds the compensation network that assures the stability of the loop
in the whole operating range. All the tools needed to check the loop stability are shown
below.
Parameter
Value
DC Gain
95 dB
Gm
251 µA/V
Ro
240 M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com