Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SC2625 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2SC2625
Description  HIGH VOLTAGE HIGH SPEED SWITCHING
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC2625 Datasheet(HTML) 3 Page - Unisonic Technologies

  2SC2625 Datasheet HTML 1Page - Unisonic Technologies 2SC2625 Datasheet HTML 2Page - Unisonic Technologies 2SC2625 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2SC2625
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R214-009,B
TYPICAL CHARACTERISTICS
700mA
0
0
900m
A
500mA
300mA
200mA
IB =100mA
246
8
10
12
14
2
4
6
8
10
12
14
Collector Output Characteristics
TC=25℃
1
0.03
TC=120℃
25℃
-20℃
-40℃
VCE=5V
3
5
10
30
50
100
200
300
0.05 0.1
0.3 0.5
1
3
5
10
DC Current Gain
CollectorEmitter Voltage, VCE (V)
Collector Current, IC (A)
0.03
TC=25℃
IC=5IB
VCE(sat)
0.05 0.1
0.3 0.5
1
3
5
10
Base and Collector Saturation Voltage
VBE(sat)
0.01
0.03
0.05
0.1
0.3
0.5
1
3
500
Safe Operating Area
0.03
0.1
TC=25℃
Single Pulse
50μs
100μs
200μs
500μs
PW=1ms
300
100
50
30
10
5
3
1
0.05
0.3
0.5
1
3
5
10
30
CollectorCurrent, IC (A)
CollectorEmitter Voltage, VCE (V)
0.3
TC=25℃
IC=5IB1 =5IB2
0.5
1
3
5
10
Switching Time
0.1
0.5
1
3
0.3
tSTG
tON
tF
CollectorCurrent, IC (A)
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com