Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

U8021L-S14-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U8021L-S14-R
Description  VOLTAGE MODE PWM CONTROLLER WITH LINEAR POWER REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U8021L-S14-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U8021L-S14-R Datasheet HTML 1Page - Unisonic Technologies U8021L-S14-R Datasheet HTML 2Page - Unisonic Technologies U8021L-S14-R Datasheet HTML 3Page - Unisonic Technologies U8021L-S14-R Datasheet HTML 4Page - Unisonic Technologies U8021L-S14-R Datasheet HTML 5Page - Unisonic Technologies U8021L-S14-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
U8021
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-A13.a
ABSOLUTE MAXIMUM RATING
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation
outside of the parameters specified in the Electrical Characteristics section is not implied.
PARAMETER
SYMBOL
RATINGS
UNIT
Input Supply Voltage
VCC
18
V
BST to GND
VBST
40
V
BST to PN
VBST_PN
10
V
PN to GND
VPN
-1~30
V
PN to GND Negative Pulse (tpulse<20ns)
VPN_PULSE
-5
V
DL to GND
VDL
-1~+10
V
DL to GND Negative Pulse (tpulse<20ns)
VDL_PULSE
-3
V
DH to PN
VDH_PN
-1~+10
V
DH to PN Negative Pulse (tpulse<20ns)
VDH_PULSE
-3
V
DRV to GND
VDRV
10
V
Operating Ambient Temperature Range
TA
-25~85
°C
Operating Junction Temperature
TJ
-25~125
°C
Storage Temperature
TSTG
-65~150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL RESISTANCES
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
100
°C/W
Junction to Case
θJC
32
°C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com