Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LCP1531RL Datasheet(PDF) 4 Page - STMicroelectronics

Part # LCP1531RL
Description  Programmable transient voltage suppressor for SLIC protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCP1531RL Datasheet(HTML) 4 Page - STMicroelectronics

  LCP1531RL Datasheet HTML 1Page - STMicroelectronics LCP1531RL Datasheet HTML 2Page - STMicroelectronics LCP1531RL Datasheet HTML 3Page - STMicroelectronics LCP1531RL Datasheet HTML 4Page - STMicroelectronics LCP1531RL Datasheet HTML 5Page - STMicroelectronics LCP1531RL Datasheet HTML 6Page - STMicroelectronics LCP1531RL Datasheet HTML 7Page - STMicroelectronics LCP1531RL Datasheet HTML 8Page - STMicroelectronics LCP1531RL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
LCP1531
4/10
DocID13397 Rev 5
Table 4. Parameters related to the diode LINE / GND (Tamb = 25 °C)
Symbol
Test conditions
Max.
Unit
VF
IF = 5 A
t = 500 µs
3
V
VFP
10/700 µs
VPP = 1.5 kV
RS = 15 Ω
5V
Table 5. Parameters related to the protection thyristors (Tamb = 25 °C)
Symbol
Test conditions
Min.
Max.
Unit
IGT
VLINE = -48 V
0.1
5
mA
IH
VGn = -48 V
150
mA
IRG
VRG = -75 V
5
µA
VDGL
VGn = -48 V
(1)
1.
The oscillations with a time duration lower than 50 ns are not taken into account.
10/700 µs
VPP = 1.5 kV
RS = 15 Ω
IPP = 27.5 A
7
V
Table 6. Parameters related to diode and protection thyristors (Tamb = 25 °C,)
Symbol
Test conditions
Typ.
Max.
Unit
IR
VGn / LINE = -1 V
VRM = -75 V
Tj = 25 °C
5
µA
C
VLINE = -50 V, VRMS = 1 V, F = 1 MHz
VLINE = -2 V, VRMS = 1 V, F = 1 MHz
15
35
pF
Table 7. Recommended gate capacitance
Symbol
Component
Min.
Typ.
Max.
Unit
CG
Gate decoupling capacitance
100
220
nF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com