Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS212 Datasheet(PDF) 3 Page - Cherry Semiconductor Corporation

Part # CS212
Description  Security Detector Serial-Addressable Receiver/Transmitter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS212 Datasheet(HTML) 3 Page - Cherry Semiconductor Corporation

  CS212 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS212 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS212 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS212 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS212 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS212 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS212 Datasheet HTML 7Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
3
Electrical Characteristics: TA = 25¡C, unless otherwise specified.
Package Pin Description
PACKAGE PIN #
PIN SYMBOL
FUNCTION
1
OUT0
Output (open collector) from S-ART.
2
A4
Address input. Must be connected to VDD or Gnd according to the
relevant address code.
3
A3
Address input. Must be connected to VDD or Gnd according to the
relevant address code.
4
A2
Address input. Must be connected to VDD or Gnd according to the
relevant address code.
5
A1
Address input. Must be connected to VDD or Gnd according to the
relevant address code.
6
A0
Address input. Must be connected to VDD or Gnd according to the
relevant address code.
7
IN1
Input to S-ART.
8
IN0
Input to S-ART.
9
LINE
Signal lead in the line cable.
10
Gnd
Zero lead in the line cable.
11
DATAOUT
Output from the S-ART, which is active in the READ-mode.
Transmits data from
S-ART to line.
12
VDD
Supply voltage to the S-ART. The voltage is derived from the line
signal.
13
IN3
Sabotage surveilled loop (shorting and breaking).
14
IN2
Sabotage surveilled loop (shorting and breaking).
15
DSR
Data Set Ready. Output (open collector) from the S-ART which is
active during WRITE-mode, when OUT0 and OUT1 change.
16
OUT1
Output (open collector) from S-ART.
Turn-On Time For
1.0
µs
Line Output Driver
Turn-Off Time For
1.0
µs
Line Output Driver
Line Voltage VL (Note 1)
0
28
V
Loop Current IN2, IN3
0.1
0.5
mA
Alarm Condition IN2-IN3
1
5
Loop Open
Alarm Condition IN2-IN3
5
30
Loop Shorted
Note 1: The circuit shall function in the correct way only between 0 and 18VDC. Data driver must not turn on when line voltage is above 18V.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com