Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

U74HC165G-S16-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # U74HC165G-S16-R
Description  8-BIT PARALLEL-LOAD SHIFT REGISTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC165G-S16-R Datasheet(HTML) 5 Page - Unisonic Technologies

  U74HC165G-S16-R Datasheet HTML 1Page - Unisonic Technologies U74HC165G-S16-R Datasheet HTML 2Page - Unisonic Technologies U74HC165G-S16-R Datasheet HTML 3Page - Unisonic Technologies U74HC165G-S16-R Datasheet HTML 4Page - Unisonic Technologies U74HC165G-S16-R Datasheet HTML 5Page - Unisonic Technologies U74HC165G-S16-R Datasheet HTML 6Page - Unisonic Technologies U74HC165G-S16-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
U74HC165
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R502-A44.B
TIMING REQUIREMENTS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Pulse duration
SH/ LD low
tw
VCC=2V
80
ns
VCC=4.5V
16
VCC=6V
14
CLK high or low
VCC=2V
80
VCC=4.5V
16
VCC=6V
14
Setup time
SH/ LD high
before CLK↑
tSU
VCC=2V
80
ns
VCC=4.5V
16
VCC=6V
14
SER before CLK↑
VCC=2V
40
VCC=4.5V
8
VCC=6V
7
CLK INH low
before CLK↑
VCC=2V
100
VCC=4.5V
20
VCC=6V
17
CLK INH high
before CLK↑
VCC=2V
40
VCC=4.5V
8
VCC=6V
7
Data before
SH/ LD ↓
VCC=2V
100
VCC=4.5V
20
VCC=6V
17
Hold time
SER data after
CLK↑
th
VCC=2V
5
ns
VCC=4.5V
5
VCC=6V
5
PAR data after
SH/ LD ↓
VCC=2V
5
VCC=4.5V
5
VCC=6V
5
SWITCHING CHARACTERISTICS (tr = tf = 6ns, CL=50pF, TA =25°C, unless otherwise specified)
PARAMETER
SYMBOL
VCC
MIN
TYP MAX UNIT
Minimum Frequency Response
fmax
VCC=2V
6
13
ns
VCC=4.5V
31
50
VCC=6V
36
62
Propagation delay from input
(SH/ LD ) to output(QH or
H
Q)
tPD
VCC=2V
80
150
ns
VCC=4.5V
20
30
VCC=6V
16
26
Propagation delay from input
(CLK) to output(QH or
H
Q)
VCC=2V
75
150
VCC=4.5V
15
30
VCC=6V
13
26
Propagation delay from input
(H) to output(QH or
H
Q)
VCC=2V
75
150
VCC=4.5V
15
30
VCC=6V
13
26
To Output(Any)
tt
VCC=2V
38
75
ns
VCC=4.5V
8
15
VCC=6V
6
13
OPERATING CHARACTERISTICS (TA =25°C , unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Power Dissipation Capacitance
CPD
No load
75
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com