Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

U74HC377L-S20-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # U74HC377L-S20-R
Description  OCTAL D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC377L-S20-R Datasheet(HTML) 8 Page - Unisonic Technologies

  U74HC377L-S20-R Datasheet HTML 1Page - Unisonic Technologies U74HC377L-S20-R Datasheet HTML 2Page - Unisonic Technologies U74HC377L-S20-R Datasheet HTML 3Page - Unisonic Technologies U74HC377L-S20-R Datasheet HTML 4Page - Unisonic Technologies U74HC377L-S20-R Datasheet HTML 5Page - Unisonic Technologies U74HC377L-S20-R Datasheet HTML 6Page - Unisonic Technologies U74HC377L-S20-R Datasheet HTML 7Page - Unisonic Technologies U74HC377L-S20-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
U74HC377
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 8
www.unisonic.com.tw
QW-R502-A49.A
TEST CIRCUIT AND WAVEFORMS (Cont.)
Notes: A. CL includes probe and test-fixture capacitance.
B. Phase relationships between waveforms were chosen arbitrarily. All input pulse are supplied by generators
having the following characteristics: PRR≤1MHz, ZO=50Ω.
C. For clock inputs, fMAX is measured when the input duty cycle is 50%.
D. The outputs are measured one at a time with one input transition per measurement.
E. tPLH and tPHL are the same as tPD.
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com