Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS8190 Datasheet(PDF) 2 Page - Cherry Semiconductor Corporation

Part # CS8190
Description  Precision Air-Core Tach/Speedo Driver with Return to Zero
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS8190 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  CS8190 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS8190 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS8190 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS8190 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS8190 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS8190 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS8190 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS8190 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Electrical Characteristics: -40¡C ² TA ² 85¡C, 8.5V ² VCC ² 15V unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
s Supply Voltage Section
ICC Supply Current
VCC = 16V, -40¡C, No Load
50
125
mA
VCC Normal Operation Range
8.5
13.1
16.0
V
s Input Comparator Section
Positive Input Threshold
1.0
2.0
3.0
V
Input Hysteresis
200
500
mV
Input Bias Current *
0V ² VIN ² 8V
-10
-80
µA
Input Frequency Range
0
20
KHz
Input Voltage Range
in series with 1k½
-1
VCC
V
Output VSAT
ICC = 10mA
0.15
0.40
V
Output Leakage
VCC = 7V
10
µA
Low VCC Disable Threshold
7.0
8.0
8.5
V
Logic 0 Input Voltage
1
V
* Note: Input is clamped by an internal 12V Zener.
s Voltage Regulator Section
Output Voltage
6.25
7.00
7.50
V
Output Load Current
10
mA
Output Load Regulation
0 to 10 mA
10
50
mV
Output Line Regulation
8.5V ² VCC ² 16V
20
150
mV
Power Supply Rejection
VCC = 13.1V, 1Vp/p 1kHz
34
46
dB
s Charge Pump Section
Inverting Input Voltage
1.5
2.0
2.5
V
Input Bias Current
40
150
nA
VBIAS Input Voltage
1.5
2.0
2.5
V
Non Invert. Input Voltage
IIN = 1mA
0.7
1.1
V
Linearity*
@ 0, 87.5, 175, 262.5, + 350Hz
-0.10
0.28
+0.70
%
F/VOUT Gain
@ 350Hz, CT = 0.0033µF, RT = 243k½
7
10
13
mV/Hz
Norton Gain, Positive
IIN = 15µA
0.9
1.0
1.1
I/I
Norton Gain, Negative
IIN = 15µA
0.9
1.0
1.1
I/I
* Note: Applies to % of full scale (270¡)
s Function Generator Section: -40¡ ² TA ² 85¡C, VCC = 13.1V unless otherwise noted.
Return to Zero Threshold
TA = 25¡C
5.2
6.0
7.0
V
Differential Drive Voltage
8.5V ² VCC ² 16V
5.5
6.5
7.5
V
(VCOS+ - VCOS-)
Q = 0¡
Differential Drive Voltage
8.5V ² VCC ² 16V
5.5
6.5
7.5
V
(VSIN+ - VSIN-)
Q = 90¡
Differential Drive Voltage
8.5V ² VCC ² 16V
-7.5
-6.5
-5.5
V
(VCOS+ - VCOS-)
Q = 180¡
Differential Drive Voltage
8.5V ² VCC ² 16V
-7.5
-6.5
-5.5
V
(VSIN+ - VSIN-)
Q = 270¡
Differential Drive Current
8.5V ² VCC ² 16V
33
42
mA
Zero Hertz Output Angle
-1.5
0.0
1.5
deg



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com