Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

1934026-1 Datasheet(PDF) 17 Page - Tyco Electronics

Part # 1934026-1
Description  Solutions for AdvancedTCA, AdvancedTCA 300, MicroTCA, and AdvancedMC Standards
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1934026-1 Datasheet(HTML) 17 Page - Tyco Electronics

Back Button 1934026-1 Datasheet HTML 13Page - Tyco Electronics 1934026-1 Datasheet HTML 14Page - Tyco Electronics 1934026-1 Datasheet HTML 15Page - Tyco Electronics 1934026-1 Datasheet HTML 16Page - Tyco Electronics 1934026-1 Datasheet HTML 17Page - Tyco Electronics 1934026-1 Datasheet HTML 18Page - Tyco Electronics 1934026-1 Datasheet HTML 19Page - Tyco Electronics 1934026-1 Datasheet HTML 20Page - Tyco Electronics 1934026-1 Datasheet HTML 21Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
17
Catalog 3-1773445-8
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Product Defined in MicroTCA Specification (Continued)
Solutions for AdvancedTCA, AdvancedTCA 300,
MicroTCA, and AdvancedMC Standards
AdvancedMC, AdvancedTCA,
AdvancedTCA 300, MicroTCA and
PICMG are trademarks of PICMG-PCI
Industrial Computer Manufacturers
Group Incorporated.
The MINIPAK HD Connector is a 2-piece
board-to-board connector designed to meet
the PICMG MicroTCA specification. The
connector consists of 24 power contacts
and 72 high density signal contacts.
Application
Designed for a broad range of applications
in Telecom Edge and customer premise
equipment, CATV hardware, wireless base
stations and other communication equip-
ment manufactured to the MicroTCA
(PICMG AdvancedMC 1.0) specification.
Rugged contact design and post-plated 30
micro-inch gold plating provides long-term
reliability in demanding environments.
Electrical Characteristics
Current Ratings — tested in
accordance with IEC 60512-5-2
Test 5a requirements:
Signal Contacts — .625 ampere each
Power Contacts —
11.625 ampere each (PICMG MicroTCA
R1.0 requirement)
14.5 ampere each (Tyco Electronics
MINIPAK HD performance)
Dielectric Withstanding Voltage —
80 volts rms between differential pair
conductors, general purpose conductors,
and power conductors
Environmental Characteristics
Maximum Continuous Operating
Temperature — 100°C
Durability Rating — 250 cycles
Technical Documents
Tyco Electronics Product
Specification — 108-2253
PICMG Specification —
PICMG MicroTCA Standard
MINIPAK HD Power Connectors
FEATURES:
• High Current Density
• 24 power contacts capable of
carrying 14.5 Amps per contact
when fully energized
• Industry proven UPM power
contacts
• Hot Plug contact design controls
arc
during
hot
mate/un-mate
cycles
• 3 Mating Levels:
1st — Power/Ground,
2nd — Power/Signal,
3rd — Short/Enable Signal
• Tin Plated (fully RoHS compliant)
or tin-lead (5 of 6 RoHS compli-
ant) pcb tails



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com