Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS4360-BS Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS4360-BS
Description  24-Bit, 192 kHz 6 Channel D/A Converter?
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4360-BS Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS4360-BS Datasheet HTML 24Page - Cirrus Logic CS4360-BS Datasheet HTML 25Page - Cirrus Logic CS4360-BS Datasheet HTML 26Page - Cirrus Logic CS4360-BS Datasheet HTML 27Page - Cirrus Logic CS4360-BS Datasheet HTML 28Page - Cirrus Logic CS4360-BS Datasheet HTML 29Page - Cirrus Logic CS4360-BS Datasheet HTML 30Page - Cirrus Logic CS4360-BS Datasheet HTML 31Page - Cirrus Logic CS4360-BS Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
CS4360
28
DS517PP1
Figure 13. High-Rate Transition Band (Detail)
Figure 14. High-Rate Passband Ripple
AOUTx
AGND
3.3 µF
V
out
R
L
C
L
+
Figure 15. Output Test Load
100
50
75
25
2.5
510
15
Safe Operating
Region
Resistive Load -- R
(k
Ω )
L
125
3
20
Figure 16. Maximum Loading



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com