Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SC3320B Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # 2SC3320B
Description  Silicon NPN triple diffusion planar transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

2SC3320B Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  2SC3320B Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 2SC3320B Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 2SC3320B Datasheet HTML 3Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SEMICONDUCTOR
Nell High Power Products
RoHS
RoHS
ELECTRICAL CHARACTERISTICS (T = 25°C)
C
UNIT
ton
VCE(sat)
tf
PARAMETER
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Fall time
tstg
V
Collector to emitter voltage
SYMBOL
VCEO(SUS)*
hFE
VBE(sat)
Turn-on time
Storage time
l = 0.2A, L = 50mH
C
V
= 5V,
CE
l = 6A
C
l
= 1mA
CBO
l = 6A, l = 1.2A
C
B
MAX
1
1.5
0.5
1.5
0.15
l = 7.5A, l
= 1.5A, l
= -3A
C
B1
B2
R = 20Ω,
L
P
= 20µs,
W
X
L 50mH
15V
1W
Y
G
6V
120W
50/60Hz
mercury relay
CONDITIONS
µA
V
l
= 10mA
CEO
VCEO
VCBO
VEBO
Collector to base voltage
Emitter to base voltage
l
= 1mA
EBO
7
10
l = 6A, l = 1.2A
C
B
*V
Test circuit
CEO(sus)
MIN
400
500
Duty
≤ 2%
Switching time test circuit
P = 20
µs
W
lB1
lB2
lC
R
=20
Ω
L
lB1
lB2
lC
0.9lC
0.1lC
tON
tSTG tF
2SC3320B
IEBO
Emitter cutoff current
V
= 7V, l = 0
EBO
C
1
mA
ICBO
Collector cutoff current
V
= 500V, l = 0
CBO
E
1
Page 2 of 3
www.nellsemi.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com