Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACS108 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ACS108
Description  Overvoltage protected AC switch (ACS??
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS108 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ACS108 Datasheet HTML 5Page - STMicroelectronics ACS108 Datasheet HTML 6Page - STMicroelectronics ACS108 Datasheet HTML 7Page - STMicroelectronics ACS108 Datasheet HTML 8Page - STMicroelectronics ACS108 Datasheet HTML 9Page - STMicroelectronics ACS108 Datasheet HTML 10Page - STMicroelectronics ACS108 Datasheet HTML 11Page - STMicroelectronics ACS108 Datasheet HTML 12Page - STMicroelectronics ACS108 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Package information
ACS108
10/13
DocID6518 Rev 5
Figure 21. SOT-223 dimension definitions
Figure 22. SOT-223 footprint (dimensions in mm)
Table 7. SOT-223 dimension values
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.80
0.071
A1
0.02
0.10
0.001
0.004
B
0.60
0.70
0.85
0.024
0.027
0.033
B1
2.90
3.00
3.15
0.114
0.118
0.124
c
0.24
0.26
0.35
0.009
0.010
0.014
D(1)
1.
Do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.15mm (0.006inches)
6.30
6.50
6.70
0.248
0.256
0.264
e
2.3
0.090
e1
4.6
0.181
E(1)
3.30
3.50
3.70
0.130
0.138
0.146
H
6.70
7.00
7.30
0.264
0.276
0.287
V10° max
A
A1
e1
D
B1
H
E
e
12
4
3
B
V
c
3.25
1.32
7.80
5.16
1.32
2.30
0.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com