Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FS7KM-18A Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # FS7KM-18A
Description  HIGH-SPEED SWITCHING USE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FS7KM-18A Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  FS7KM-18A Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FS7KM-18A Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FS7KM-18A Datasheet HTML 3Page - Mitsubishi Electric Semiconductor FS7KM-18A Datasheet HTML 4Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Feb.1999
MITSUBISHI Nch POWER MOSFET
FS7KM-18A
HIGH-SPEED SWITCHING USE
0
10
20
30
40
50
0
4
8
12
16
20
ID = 14A
TC = 25°C
Pulse Test
7A
3A
0
4
8
12
16
20
0
4
8
12
16
20
TC = 25°C
VDS = 50V
Pulse Test
101
102
2
3
5
7
103
2
3
5
7
104
2
3
5
7
2100
35 7
2
101
35 7
2
102
35 7
2
Ciss
Coss
Crss
Tch = 25°C
f = 1MHZ
VGS = 0V
10–1
100
23
5 7
101
23
5 7
101
102
2
3
5
7
103
2
3
5
7
td(off)
td(on)
tr
Tch = 25°C
VDD = 200V
VGS = 10V
RGEN = RGS = 50
Ω
tf
0
1.0
2.0
3.0
4.0
5.0
10–1 2100
35 7
2
101
35 7
2
102
35 7
VGS = 10V
TC = 25°C
Pulse Test
20V
10–1
100
23
5 7
101
23
5 7
10–1
100
2
3
5
7
101
2
3
5
7
TC = 25°C
75°C
125°C
VDS = 10V
Pulse Test
ON-STATE VOLTAGE VS.
GATE-SOURCE VOLTAGE
(TYPICAL)
GATE-SOURCE VOLTAGE VGS (V)
ON-STATE RESISTANCE VS.
DRAIN CURRENT
(TYPICAL)
DRAIN CURRENT ID (A)
TRANSFER CHARACTERISTICS
(TYPICAL)
GATE-SOURCE VOLTAGE VGS (V)
FORWARD TRANSFER ADMITTANCE
VS.DRAIN CURRENT
(TYPICAL)
DRAIN CURRENT ID (A)
SWITCHING CHARACTERISTICS
(TYPICAL)
DRAIN-SOURCE VOLTAGE VDS (V)
CAPACITANCE VS.
DRAIN-SOURCE VOLTAGE
(TYPICAL)
DRAIN CURRENT ID (A)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com