Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AOM-6746L-R Datasheet(PDF) 1 Page - Projects Unlimited, Inc.

Part # AOM-6746L-R
Description  ADDED TERMINAL POLARITY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUI [Projects Unlimited, Inc.]
Direct Link  http://www.pui.com
Logo PUI - Projects Unlimited, Inc.

AOM-6746L-R Datasheet(HTML) 1 Page - Projects Unlimited, Inc.

  AOM-6746L-R Datasheet HTML 1Page - Projects Unlimited, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Microphone
AOM-6746L-R
J.A.F.
E.P.
B.R.
1/30/2006
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
6/6/2013
Date
1/30/2006
Date
1/31/2006
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE ±0.5 AND
ANGLES ARE ±3°.
AOM-6746L-R.idw
A3
SIZE
REVISION HISTORY
LTR
DESCRIPTION
DATE
APPROVED
-
RELEASED FROM ENGINEERING
1/30/2006
A
ADDED TERMINAL POLARITY
1/30/2007
R.W.
B
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
6/6/2013
B.R.
SPECIFICATIONS
PARAMETERS
VALUES
UNITS
DIRECTIVITY
OMINI
-
SENSITIVTY
-46 ± 3
dB
STANDARD OPERATING VOLTAGE
1.5
Vdc
MAX OPERATING VOLTAGE
10
Vdc
CURRENT CONSUMPTION (MAX)
0.5
mA
IMPEDANCE
2.2
KOhm
SIGNAL TO NOISE RATIO (MIN.)
60
dB
TERMINAL
SOLDER PADS
-
INTERNAL CAPACITOR
N/A
pF
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2011/65/EU COMPLIANT.
9.7
n
`0.1
6.7
`0.2
TERM 2 (-)
TERM 1 (+)
©2003, Projects Unlimited Inc.
THIS DOCUMENT CONTAINS DATA PROPRIETARY TO
PROJECTS UNLIMITED, INC. ANY USE OR
REPRODUCTION, IN ANY FORM, WITHOUT PRIOR
WRITTEN PERMISSION OF PROJECTS UNLIMITED,
INC. IS PROHIBITED.


Similar Part No. - AOM-6746L-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AOM-6746L-R PUIAUDIO-AOM-6746L-R Datasheet
2Mb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
More results

Similar Description - AOM-6746L-R

ManufacturerPart #DatasheetDescription
logo
FCI connector
PHEC40P-R211LF FCI-CONNECTOR-PHEC40P-R211LF Datasheet
509Kb / 8P
30,34,50,68 POSITIONS ADDED LOCATOR MATERIAL ADDED
logo
Projects Unlimited, Inc...
AI-2304-TT-24V-R PUI-AI-2304-TT-24V-R Datasheet
285Kb / 1P
ADDED BODY DIMENSION
ANM-5254L-R PUI-ANM-5254L-R Datasheet
266Kb / 1P
ADDED TERMINAL POLARITY
AOM-6738P-R PUI-AOM-6738P-R Datasheet
265Kb / 1P
ADDED TERMINAL POLARITY
AT-1224-TWT-R PUI-AT-1224-TWT-R Datasheet
210Kb / 1P
ADDED RESONANT FREQUENCY TOLERANCE
logo
List of Unclassifed Man...
AP-CF128MK7ES-NR ETC2-AP-CF128MK7ES-NR Datasheet
199Kb / 22P
Value Added CompactFlash Series5
logo
Projects Unlimited, Inc...
SMT-0540-T-2-R PUI-SMT-0540-T-2-R Datasheet
209Kb / 1P
ADDED TERMINAL MATERIAL PLATING
logo
AZ Displays
AQM1056B AZDISPLAYS-AQM1056B Datasheet
116Kb / 1P
added ThreeBond 1530C
logo
Laird Tech Smart Techno...
MSD40NBT LSTD-MSD40NBT Datasheet
1Mb / 34P
Added PCM defaults
MSD50NBT LSTD-MSD50NBT Datasheet
1Mb / 38P
Added section numbering
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com