Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IXTY3N60P Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXTY3N60P
Description  N-Channel Enhancement Mode Avalanche Rated
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTY3N60P Datasheet(HTML) 3 Page - IXYS Corporation

  IXTY3N60P Datasheet HTML 1Page - IXYS Corporation IXTY3N60P Datasheet HTML 2Page - IXYS Corporation IXTY3N60P Datasheet HTML 3Page - IXYS Corporation IXTY3N60P Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2006 IXYS All rights reserved
Fig. 2. Extended Output Characteristics
@ 25
ºC
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
0
3
6
9
12
15
18
21
24
27
30
VD S - Volts
VGS = 10V
8V
7V
6V
Fig. 3. Output Characteristics
@ 125
ºC
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
0
2
4
6
8
1012
1416
1820
VD S - Volts
VGS = 10V
8V
7V
5V
6V
Fig. 1. Output Characteristics
@ 25
ºC
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
01
23
456
78
9
10
VD S - Volts
VGS = 10V
8V
7V
6V
Fig. 4. RDS(on
) Norm alize d to 0.5 ID25
Value vs. Junction Tem perature
0.4
0.7
1
1.3
1.6
1.9
2.2
2.5
2.8
3.1
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
ID = 3A
ID = 1.5A
VGS = 10V
Fig. 6. Drain Current vs. Case
Tem perature
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
3.3
-50
-25
0
25
50
75
100
125
150
TC - Degrees Centigrade
Fig. 5. RDS(on) Normalized to
0.5 ID25 Value vs. ID
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
01
2
3
4
5
6
I D - Amperes
TJ = 125ºC
TJ = 25ºC
VGS = 10V
IXTA 3N60P IXTP 3N60P
IXTY 3N60P



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com