Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DS1337 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1337
Description  Serial Real-Time Clock
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1337 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1337 Datasheet HTML 1Page - Dallas Semiconductor DS1337 Datasheet HTML 2Page - Dallas Semiconductor DS1337 Datasheet HTML 3Page - Dallas Semiconductor DS1337 Datasheet HTML 4Page - Dallas Semiconductor DS1337 Datasheet HTML 5Page - Dallas Semiconductor DS1337 Datasheet HTML 6Page - Dallas Semiconductor DS1337 Datasheet HTML 7Page - Dallas Semiconductor DS1337 Datasheet HTML 8Page - Dallas Semiconductor DS1337 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1 of 13
REV: 012003
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device
may be simultaneously available through various sales channels. For information about device errata, click here: www.maxim-ic.com/errata.
GENERAL DESCRIPTION
The DS1337 serial real-time clock is a low-power
clock/calendar with two programmable time-of-day
alarms and a programmable square-wave output.
Address and data are transferred serially via a 2-wire,
bidirectional bus. The clock/calendar provides
seconds, minutes, hours, day, date, month, and year
information. The date at the end of the month is
automatically adjusted for months with fewer than 31
days, including corrections for leap year. The clock
operates in either the 24-hour or 12-hour format with
AM/PM indicator.
APPLICATIONS
Handhelds (GPS, POS Terminal, MP3 Player)
Consumer Electronics (Set-Top Box, VCR/Digital
Recording)
Office Equipment (Fax/Printer, Copier)
Medical (Glucometer, Medicine Dispenser)
Telecommunications (Router, Switcher, Server)
Other (Utility Meter, Vending Machine, Thermostat,
Modem)
FEATURES
§ Real-Time Clock (RTC) Counts Seconds,
Minutes, Hours, Day, Date, Month, and Year
with Leap-Year Compensation Valid Up to 2100
§ Two-Wire Serial Interface
§ Two Time-of-Day Alarms
§ Oscillator Stop Flag
§ Programmable Square-Wave Output
– Defaults to 32kHz on Power-Up
§ Available in 8-Pin DIP, SO, or mSOP
ORDERING INFORMATION
PART
TEMP RANGE
PIN-PACKAGE
TOP
MARK
DS1337
-40°C to +85°C
8 DIP (300mil)
DS1337
DS1337S
-40°C to +85°C
8 SO (150mil)
DS1337
DS1337U
-40°C to +85°C
8
mSOP
1337
PIN CONFIGURATIONS
DS1337
Serial Real-Time Clock
www.maxim-ic.com
www.maxim-ic.com
TYPICAL OPERATING CIRCUIT
DIP
X1
X2
GND
VCC
SCL
SDA
SQW/INTB
INTA
SO,
mSOP
X1
X2
GND
VCC
SCL
SDA
SQW/INTB
INTA
TOP VIEW
DS1337
DS1337


Similar Part No. - DS1337

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1337 MAXIM-DS1337 Datasheet
576Kb / 15P
I2C Serial Real-Time Clock
REV: 092706
DS1337 MAXIM-DS1337 Datasheet
242Kb / 16P
I2C Serial Real-Time Clock
7/09
DS1337+ MAXIM-DS1337+ Datasheet
576Kb / 15P
I2C Serial Real-Time Clock
REV: 092706
DS1337+ MAXIM-DS1337+ Datasheet
242Kb / 16P
I2C Serial Real-Time Clock
7/09
DS1337C MAXIM-DS1337C Datasheet
576Kb / 15P
I2C Serial Real-Time Clock
REV: 092706
More results

Similar Description - DS1337

ManufacturerPart #DatasheetDescription
logo
Epson Company
RTC-4513 EPSON-RTC-4513 Datasheet
45Kb / 2P
Real time clock module(SERIAL-INTERFACE REAL TIME CLOCK MODULE)
logo
Dallas Semiconductor
DS1339 DALLAS-DS1339 Datasheet
291Kb / 18P
Serial Real-Time Clock
logo
STMicroelectronics
M41T0 STMICROELECTRONICS-M41T0 Datasheet
260Kb / 20P
SERIAL REAL-TIME CLOCK
23-Jul-2004
M41T00 STMICROELECTRONICS-M41T00_08 Datasheet
205Kb / 25P
Serial real-time clock
15-May-2008
M41T0 STMICROELECTRONICS-M41T0_08 Datasheet
185Kb / 22P
Serial real-time clock
13-May-2008
M41T00S STMICROELECTRONICS-M41T00S_08 Datasheet
227Kb / 26P
Serial access real-time clock
14-May-2008
logo
Integrated Device Techn...
IDT5P90005 IDT-IDT5P90005 Datasheet
303Kb / 16P
SERIAL REAL-TIME CLOCK
logo
STMicroelectronics
M41T0 STMICROELECTRONICS-M41T0_11 Datasheet
310Kb / 23P
Serial real-time clock
09-Jun-2011
logo
Integrated Device Techn...
IDT5P90005C IDT-IDT5P90005C Datasheet
146Kb / 15P
Serial Real-Time Clock
logo
Renesas Technology Corp
IDT5P90005C RENESAS-IDT5P90005C Datasheet
338Kb / 16P
Serial Real-Time Clock
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com