Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VI-214-CU Datasheet(PDF) 2 Page - Vicor Corporation

Part # VI-214-CU
Description  DC-DC Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VI-214-CU Datasheet(HTML) 2 Page - Vicor Corporation

  VI-214-CU Datasheet HTML 1Page - Vicor Corporation VI-214-CU Datasheet HTML 2Page - Vicor Corporation VI-214-CU Datasheet HTML 3Page - Vicor Corporation VI-214-CU Datasheet HTML 4Page - Vicor Corporation VI-214-CU Datasheet HTML 5Page - Vicor Corporation VI-214-CU Datasheet HTML 6Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VI-200 DC-DC Converters
Rev 3.5
vicorpower.com
Page 2 of 6
04/2014
800 927.9474
VI-200, VE-200
VI-200E-Grade
VI-200C-,I-,M-Grade
Parameter
Min
Typ
Max
Min
Typ
Max
Units TestConditions
Inrushcharge
120x10-6
120x10-6 200x10-6 Coulombs Nominalline
Inputreflected
10%
10%
IIN Nominalline,fullload
ripplecurrent–pp
Inputripplerejection
dB 120Hz,nominalline
dB 2400Hz,nominalline
Noloadpowerdissipation
1.35
2
1.35
2
Watts
CONVERTERSPECIFICATIONS
(typicalatTBP=25°C,nominallineand75%load,unlessotherwisespecified)
25+20Log
(Vin)
Vout
30+20Log
(Vin)
Vout
20+20Log
(Vin)
Vout
INPUTSPECIFICATIONS
Low Line
75%
Vin 2 3.3 5 5.2 5.5 5.8 6.5 7.5 10 12 13.8 15 18.5 24 28 36 40 48 52 72 85 95
Voltage
Max Power
Transient[b]
Designators Z Y 0 X W V T RM 1 P 2 N 3 L J K 4 H F D B
Nom.(Range)
12(10-20)
n/a
22
0
XX X X X X X X X X X X X X X X X X X X X X
24(10-36)
n/a
n/a
V
-- XY Y Y Y Y X X X X X X X X X X X -- -- -- --
24(21-32)
18
36
1
UU U U U U V V U U U U U U U U U U U U U U
24(18-36)
n/a
n/a
W VV V V V V W W V V V V V V V V V V V V V V
36(21-56)
18
60
2 WV W W W W W W W W W W W W W W W W W -- -- --
48(42-60)
36
72
3
UU U U U U U U U U U U U U U U U U U U U U
48(36-76)
n/a
n/a
N
VU U U U U U U U U U U U U U U U U U U U U
72(55-100)
45
110
4
UU U U U U V V U U U U U U U U U U U U U U
110(66-160) n/a
n/a
T
VV V V V V W W V V V V V V V V V V V V -- --
150(100-200) 85[c]
215
5
UU V V V V V V U U U U U U U U U U U U U U
150(100-375) n/a
n/a
7 WW X Y Y Y W W W W W W W W W W W W W -- -- --
300(200-400) 170[d]
425
6
UU U U U U V V U U U U U U U U U U U U U U
MaximumPowerAvailableforVI-2xx-xx[a]
[a]
Foradditionaloutputpower,“booster”modulesareavailable.(VI-Bxx-xx)
[c]
15Vout,200Wmodelsarelimitedto90Vdc
[b]
Transientvoltagefor1second.
[d]
15Vout,200Wmodelsarelimitedto185Vdc
Input
Output
VoutDesignators



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com