Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

A165K Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # A165K
Description  Separate Construction with Cylindrical 16-dia. Body
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A165K Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button A165K Datasheet HTML 3Page - Omron Electronics LLC A165K Datasheet HTML 4Page - Omron Electronics LLC A165K Datasheet HTML 5Page - Omron Electronics LLC A165K Datasheet HTML 6Page - Omron Electronics LLC A165K Datasheet HTML 7Page - Omron Electronics LLC A165K Datasheet HTML 8Page - Omron Electronics LLC A165K Datasheet HTML 9Page - Omron Electronics LLC A165K Datasheet HTML 10Page - Omron Electronics LLC A165K Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
A165K
7
Specifications
Approved Standard Ratings
Ratings
Contacts
Minimum applicable load: 1 mA at 5 VDC
Rated values are obtained from tests conducted under the following conditions.
1. Load: Resistive load
2. Mounting conditions: No vibration and no shock
3. Temperature: 20
±2°C
4. Operating frequency: 20 times/min
Contact Form
Characteristics
Socket Units
Screw-less Clamp
Operating Characteristics
UL, cUL (File No. E41515)
TÜV (EN60947-5-1) (Low Voltage Directive)
CCC (GB14048.5)
5 A at 125 VAC, 3 A at 250 VAC (general use)
3 A at 30 VDC (resistive)
Note: Certification has been obtained for the Switch Unit.
For detailed information on individual products that
have received certification, consult your supplier.
3 A at 250 VAC
3 A at 30 VDC
5 A at 125 VAC
3 A at 250 VAC
3 A at 30 VDC
Rated voltage
Resistive load
125 VAC
5 A
250 VAC
3 A
30 VDC
3 A
Name
Contact form
SPDT
COM
NC
NO
Item
Type
Key-type Selector Switch
Allowable
operating
frequency
Mechanical
20 operations/minute max.
Electrical
10 operations/minute max.
Insulation resistance
100 M
Ω min. (at 500 VDC)
Dielectric
strength
Between terminals
of same polarity
1,000 VAC, 50/60 Hz for 1 minute
Between terminals
of different polarity
2,000 VAC, 50/60 Hz for 1 minute
Between each ter-
minal and ground
2,000 VAC, 50/60 Hz for 1 minute
Vibration
resistance
Malfunction
10 to 55 Hz, 1.5-mm double amplitude
(malfunction within 1 ms)
Shock
resistance
Destruction
500 m/s2
Malfunction
150 m/s2 max. (malfunction within 1 ms)
Durability
Mechanical
250,000 operations min. (durability of key:
10,000 operations min.)
Electrical
100,000 operations min.
Electric shock protection
class
Class II
PTI (tracking characteristic)
175
Degree of contamination
3 (IEC60947-5-1)
Weight
Approx. 26.5 g (in the case of a DPDT
switch key)
Ambient operating
temperature
−10
°C to 55°C
(with no icing or condensation)
Ambient operating humidity
35% to 85%RH
Ambient storage
temperature
−25
°C to 65°C
(with no icing or condensation)
Item
Type
Screw-less Clamp
Recommended wire size
0.5 mm2 twisted wire or 0.8 mm-dia. solid wire
Usable
wires and
tensile
strength
Twisted wire
0.3 mm2
0.5 mm2
0.75 mm2
1.25 mm2
Solid wire
0.5 mm dia.
0.8 mm dia.
1.0 mm dia.
---
Tensile strength
10 N
20 N
30 N
40 N
Length of exposed wire
10
±1 mm
Compliant standards
JIS C 2811 Terminal Blocks for Industrial Use
Type
Key-type Selector Switch
Characteristics
2 notches
3 notches
Operating force (OF) max.
0.1 N·m
Set position (SP)
90
±5°
45
°+10
0
Operation Angle
Note: The angle used for automatic reset is shown in parentheses.
FP: Free position
(75
°)
90
°
FP
FP
45
°
(45
°)
45
°
(45
°)
Two notches
Three notches
SW1
SW2
Contact Configuration
No. of
notches
Contact configuration
SPDT
DPDT
Posi-
tion
SW
Posi-
tion
SW1
SW2
2
notches
3
notches
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com