Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DB4 Datasheet(PDF) 2 Page - Dc Components

Part # DB4
Description  TECHNICAL SPECIFICATIONS OF BIDIRECTIONAL DIODE THYRISTORS (DIACS)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

DB4 Datasheet(HTML) 2 Page - Dc Components

  DB4 Datasheet HTML 1Page - Dc Components DB4 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
R
DC COMPONENTS CO., LTD.
RATING AND CHARACTERISTIC CURVES ( DB3 THRU DB4 )
200
Ω
1%
FIG.1-V-I CHARACTERISTICS CURRENT
BREAKOVER
VOLTAGE
VOLTAGE
+VBo
+VBR
-IBo
-5mA
+5mA
+IBo
-VBo
-VBR
FIG.2-REPETITIVE PEAK ON-STATE
CURRENT VS PULSE DURATION
PULSE REPEAT ON RATE =120 PPS
Tz=40
0C
D60
2.0
1.0
0.7
0.5
0.3
0.2
0.1
.07
.05
.03
.02
.01
.007
.005
.003
.002
.001
D28 32 35 40&50
SAFE OPERATING
AREA
10
100
1000
10,000
FIG.5-CIRCUIT USED TO MEASURE
DIAC CHARACTERISTICS
RF
D.U.T.
0.1u f
Vc
120V
RMS
60Hz
*ADJUST FOR ONE FIRING IN HALF CYCLE
FIG.4-TEST CIRCUIT WAVE FORMS
(SEE FIG.5)
aV+
aV-
+V(BO)
-V(BO)
0
t
0
+IP
-IP
t
FIG.3-NORMALIZED VBO CHANGE
VS JUNCTION TEMPERATURE
+8
+6
+4
+2
0
-2
-4
-6
-8
-40
-20
0
+20
+40
+60
+80 +100 +120 +140
D28
32
35
40
50
D60
157
NEXT
BACK
EXIT
NEXT
BACK
EXIT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com