Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FSM101 Datasheet(PDF) 1 Page - Dc Components

Part # FSM101
Description  TECHNICAL SPECIFICATIONS OF SURFACE MOUNT FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

FSM101 Datasheet(HTML) 1 Page - Dc Components

  FSM101 Datasheet HTML 1Page - Dc Components FSM101 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
FSM101
THRU
FSM107
SM-1(DO-213AB)
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT FAST RECOVERY RECTIFIER
VOLTAGE RANGE - 50 to 1000 Volts
CURRENT - 1.0 Ampere
NOTES : 1. Measured at 1.0 MHz and applied reverse voltage of 4.0VDC
2. Thermal resistance (Junction to Ambient), .24in2 (6.0mm2)copper pads to each terminal.
Dimensions in inches and (millimeters)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current at TA = 55
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
Typical Junction Capacitance (Note 1)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
CJ
TJ, TSTG
VRMS
Amps
1.0
30
-65 to + 175
pF
0 C
UNITS
Volts
Volts
Maximum Thermal Resistance (Note 2)
R
θJL
FSM101
FSM103
FSM102
FSM104
FSM106
FSM105
FSM107
50
100
200
400
600
800
1000
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
30
Volts
Amps
15
0 C/ W
Maximum Reverse Recovery Time (Note 3)
VF
IR
trr
1.3
100
uAmps
nSec
Maximum Forward Voltage at 1.0A DC
Volts
Maximum DC Reverse Current at
Rated DC Blocking Voltage
@TA = 25
oC
@TA = 125
oC
5.0
150
250
500
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
FEATURES
* Fast switching for high efficiency
* Glass passivated junction
* ldeal for surface mounted applications
* Low leakage current
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Mounting position: Any
* Weight: 0.12 gram
*Terminals: Solder plated solderable per
MIL-STD-202E, Method 208 guaranteed
* Polarity: Color band denotes cathode end
3. Test Conditions: IF = 0.5A, IR = 1.0A, IRR = 0.25A
288
NEXT
BACK
EXIT
NEXT
BACK
EXIT


Similar Part No. - FSM101

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FSM101 RECTRON-FSM101 Datasheet
25Kb / 2P
SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Formosa MS
FSM101 FORMOSA-FSM101 Datasheet
31Kb / 2P
1.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
PACELEADER INDUSTRIAL
FSM101 PACELEADER-FSM101 Datasheet
414Kb / 2P
SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Shanghai Shunye Electro...
FSM101 SHUNYE-FSM101 Datasheet
71Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Nantong Hornby Electron...
FSM101 HORNBY-FSM101 Datasheet
264Kb / 3P
SURFACE MOUNT FAST RECOVERY RECTIFIER
More results

Similar Description - FSM101

ManufacturerPart #DatasheetDescription
logo
Dc Components
BA157 DCCOM-BA157 Datasheet
459Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
FR1A DCCOM-FR1A Datasheet
528Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT FAST RECOVERY RECTIFIER
FR201 DCCOM-FR201 Datasheet
443Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
FR2A DCCOM-FR2A Datasheet
534Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT FAST RECOVERY RECTIFIER
FR301 DCCOM-FR301 Datasheet
445Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
FR3A DCCOM-FR3A Datasheet
522Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT FAST RECOVERY RECTIFIER
RGL34A DCCOM-RGL34A Datasheet
421Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT FAST RECOVERY RECTIFIER
RL101F DCCOM-RL101F Datasheet
457Kb / 2P
TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
RS1A DCCOM-RS1A Datasheet
480Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT FAST RECOVERY RECTIFIER
SM4933 DCCOM-SM4933 Datasheet
474Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com