Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EEVFK2A331M Datasheet(PDF) 4 Page - Pacific Silicon Sensor,Inc.

Part # EEVFK2A331M
Description  Aluminum Electrolytic Capacitors/ FK
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACIFIC [Pacific Silicon Sensor,Inc.]
Direct Link  http://www.pacific-sensor.com/index.html
Logo PACIFIC - Pacific Silicon Sensor,Inc.

EEVFK2A331M Datasheet(HTML) 4 Page - Pacific Silicon Sensor,Inc.

  EEVFK2A331M Datasheet HTML 1Page - Pacific Silicon Sensor,Inc. EEVFK2A331M Datasheet HTML 2Page - Pacific Silicon Sensor,Inc. EEVFK2A331M Datasheet HTML 3Page - Pacific Silicon Sensor,Inc. EEVFK2A331M Datasheet HTML 4Page - Pacific Silicon Sensor,Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ FK
– EE66 –
■ Endurace 5000 h Products
W.V.
Cap.
(±20 %)
Case size
Specification
Part No.
(RoHS:compliant)
Reflow
Min.
Packaging Q'ty
Dia.
Length
Size
Code
Ripple
Current
(100 kHz)
(+105 °C)
Impedance
(100 kHz)
(+20 °C)
tan
δ
(120 Hz)
(+20 °C)
Taping
(V)
(µF)
(mm)
(mm)
(mA r.m.s.)
( )(pcs)
6.3
470
8
10.2
F
600
0.16
0.26
EEEFK0J471GP
(2)
500
1000
8
10.2
F
600
0.16
0.26
EEEFK0J102GP
(2)
500
1500
10
10.2
G
850
0.08
0.26
EEEFK0J152GP
(2)
500
10
330
8
10.2
F
600
0.16
0.19
EEEFK1A331GP
(2)
500
470
8
10.2
F
600
0.16
0.19
EEEFK1A471GP
(2)
500
680
8
10.2
F
600
0.16
0.19
EEEFK1A681GP
(2)
500
1000
10
10.2
G
850
0.08
0.19
EEEFK1A102GP
(2)
500
16
330
8
10.2
F
600
0.16
0.16
EEEFK1C331GP
(2)
500
470
8
10.2
F
600
0.16
0.16
EEEFK1C471GP
(2)
500
680
10
10.2
G
850
0.08
0.16
EEEFK1C681GP
(2)
500
25
150
8
10.2
F
600
0.16
0.14
EEEFK1E151GP
(2)
500
220
8
10.2
F
600
0.16
0.14
EEEFK1E221GP
(2)
500
330
8
10.2
F
600
0.16
0.14
EEEFK1E331GP
(2)
500
470
10
10.2
G
850
0.08
0.14
EEEFK1E471GP
(2)
500
35
100
8
10.2
F
600
0.16
0.12
EEEFK1V101GP
(2)
500
150
8
10.2
F
600
0.16
0.12
EEEFK1V151GP
(2)
500
220
8
10.2
F
600
0.16
0.12
EEEFK1V221GP
(2)
500
330
10
10.2
G
850
0.08
0.12
EEEFK1V331GP
(2)
500
50
100
8
10.2
F
350
0.34
0.10
EEEFK1H101GP
(2)
500
150
10
10.2
G
6700.18
0.10
EEEFK1H151GP
(2)
500
220
10
10.2
G
6700.18
0.10
EEEFK1H221GP
(2)
500
The taping dimensions are explained on EE188 of our Catalog.
Please use it as a reference guide.
Reflow Profile(Fig-1 to Fig-8) listed on EE186 of our Catalog.
Endurance : 105 °C 5000 h
■ Standard Products
W.V.
Cap.
(±20 %)
Case size
Specification
Part No.
(RoHS:compliant)
Reflow
Min.
Packaging Q'ty
Dia.
Length
✽Size
Code
Ripple
Current
(100 kHz)
(+105 °C)
Impedance
(100 kHz)
(+20 °C)
tan
δ
(120 Hz)
(+20 °C)
Taping
(V)
(µF)
(mm)
(mm)
(mA r.m.s.)
( )(pcs)
100
22
8
10.2
F
1301.30
0.07
EEEFK2A220P
(2)
500
33
10
10.2
G
200
0.70
0.07
EEEFK2A330P
(2)
500
47
12.5
13.5
H13
500
0.32
0.07
EEVFK2A470Q
(3)
200
68
12.5
13.5
H13
500
0.32
0.07
EEVFK2A680Q
(3)
200
100
16
16.5
J16
793
0.17
0.07
EEVFK2A101M
(3)
125
150
16
16.5
J16
793
0.17
0.07
EEVFK2A151M
(3)
125
220
18
16.5
K16
917
0.153
0.07
EEVFK2A221M
(3)
125
330
18
16.5
K16
917
0.153
0.07
EEVFK2A331M
(3)
125
Endurance : 105 °C 2000 h (
> φ12.5 : 5000 h)
✽ Size code( ):Miniaturization product
The taping dimensions are explained on EE188 of our Catalog.
Please use it as a reference guide.
Reflow Profile(Fig-1 to Fig-8) listed on EE186 of our Catalog.
Jun. 2011
01



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com