Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

90HBW02PRT Datasheet(PDF) 2 Page - Grayhill, Inc

Part # 90HBW02PRT
Description  Surface Mount DIP Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

90HBW02PRT Datasheet(HTML) 2 Page - Grayhill, Inc

  90HBW02PRT Datasheet HTML 1Page - Grayhill, Inc 90HBW02PRT Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Series
TerminalStyle:W=GullWing,J=J-Bend
RoHScompliant
90HBW02PRT
Packaging: R=Tapeandreelpackaging(750switches/reel)
Blank=Tubepackaging(eachtubeis19.5"long)
Seal: P=PolyimideSeal
Blank=NoSeal
NumberofPositions:02through10
SurfaceMountDIPSwitches
Meetsrequirementsof
EIA481-2orEIA481-3
Each reel has a 15.750 inch (390 mm)
minimumleaderanda6.30inch(160mm)
minimumtrailer.
TAPEANDREELPACkAGING
13 INCH
DIAMETER REEL
DIRECTION
OF FEED
24mm
TAPE
16mm
32 &
44mm
TAPE
16mm
PIN ONE LOCATION
CONDUCTIVE
PLASTIC EMBOSSED
TAPE
SpecificationS
electrical Ratings
Make-and-break current Rating: 2,000
operationsperswitchpositionattheseresistive
loads:10mA,30Vdc;or10mA,50mVdc;10mA,
50mVdc;or25mA,24Vdc;or100mA,6Vdc.
contact Resistance:(measuredat10mA,50
mVdc).Initial:20mohmsmaximum,AfterLife:
100mohmsmaximum
insulation Resistance:Minimum,at100Vdc
betweenadjacentclosedcontactsandalso
acrossopenswitchcontacts.
initial (Mohms):5,000,AfterLife(Mohms):
1,000
Dielectric Strength: Minimum voltage (AC
RMS) measured between adjacent closed
contacts and also across open switch
contacts.
lnitial:500volts,AfterLife:500volts
current carry Rating: 3A maximum rise of
20°C
Switch capacitance:2pFat1megahertz
Mechanical Ratings
WhereGrayhillperformanceissuperior,theMIL
specislistedinparentheses.
Mechanical Life:2,000operationsperswitch
position
Vibration Resistance: Per Method 204,Test
ConditionB,1mSopening(10mSallowed)
Mechanical Shock: Per Method 213, Test
ConditionA.1mSopening(10mSallowed)
thermal Shock Resistance:Perspecification;
nofailures;passescontactresistance.
terminal Strength:Perspecification
thermal aging: 1,000 hours at 85°C; no
failures.
environmental Ratings
MeetsallrequirementsofMIL-S-83504**.
operating temperature Range: -40°C to +
85°C
Storage temperature Range: -40°C to +
85°C
Moisture Resistance: Per MIL-STD-202,
Method106.
Soldering information
Solderability:PerMIL-STD-202,Method208
Soldering Heat Resistance:PerMIL-S-83504,
sixsecondtest.
Recommended processing temperature:
220°C–230°C(1pass—260°Cmaximum)
processing position:Switchistobeprocessed
withallactuatorsintheclosed(on)positionas
shipped.
fluxing:PerEIARS-448-2withfluxtouching
switchbody.
cleaning:Passesimmersiontestusingwater/
detergent. Acceptable solutions include 1-1-1
trichlorethane,freon,(TF,TE,orTMS),isopropyl
alcohol,detergent(140°Fmaximum).Terpene
acceptableforSeries90only.Solutionswhichare
notrecommendedincludeacetone,methylene
chloride, freon TMC. High pressure aqueous
cleaningisnotrecommended.
Materials and finishes
Shorting Member (Ball): Brass, gold-plate
overnickelbarrier.
Base contacts: Copper alloy, gold-plate
overnickelbarrier.
terminals:Copperalloy,mattetinplatedover
nickelbarrier.
non-conductive parts: Thermoplastic
(uL94V-O)
tape and Reel packaging
tape Seal integrity: Passes gross leak test
using125°Cflourinertfor20secondsminimum.
ReferenceMIL-STD-202,Method112
tape Seal:Polyimidefilm
oRDeRing infoRMation
AvailablefromyourlocalGrayhillDistributor.Forpricesanddiscounts,contactalocalSalesOffice,
anauthorizedlocalDistributororGrayhill.
**Note:100%mattetinterminalplatingdoesnotmeetMIL-S-83504forleadcontent.
No.of
Length
Length
Number
Positions
Inches
Metric
PerTube
2
.270"
6,9mm
60
3
.370"
9,4mm
47
4
.470"
11,9mm
37
5
.570"
14,5mm
31
6
.670"
17,0mm
26
7
.770"
19,6mm
23
8
.870"
22,1mm
20
9
.970"
24,6mm
18
10
1.070"
27,2mm
16
DiP
6
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois 60525-5997 • uSA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com