Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LD33CV Datasheet(PDF) 37 Page - STMicroelectronics

Part # LD33CV
Description  Adjustable and fixed low drop positive voltage regulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD33CV Datasheet(HTML) 37 Page - STMicroelectronics

Back Button LD33CV Datasheet HTML 33Page - STMicroelectronics LD33CV Datasheet HTML 34Page - STMicroelectronics LD33CV Datasheet HTML 35Page - STMicroelectronics LD33CV Datasheet HTML 36Page - STMicroelectronics LD33CV Datasheet HTML 37Page - STMicroelectronics LD33CV Datasheet HTML 38Page - STMicroelectronics LD33CV Datasheet HTML 39Page - STMicroelectronics LD33CV Datasheet HTML 40Page - STMicroelectronics LD33CV Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
DocID2572 Rev 33
37/44
LD1117
Packaging mechanical data
Figure 22. Tape for SOT-223 (dimensions are in mm)
Table 21. SOT-223 tape and reel mechanical data
Tape
Reel
Dim.
mm
Dim.
mm
Min.
Typ.
Max.
Min.
Max.
A0
6.75
6.85
6.95
A
180
B0
7.30
7.40
7.50
N
60
K0
1.80
1.90
2.00
W1
12.4
F
5.40
5.50
5.60
W2
18.4
E
1.65
1.75
1.85
W3
11.9
15.4
W11.7
12
12.3
P2
1.90
2
2.10
Base quantity pcs
1000
P0
3.90
4
4.10
Bulk quantity pcs
1000
P1
7.90
8
8.10
T
0.25
0.30
0.35
D
φ
1.50
1.55
1.60
D1
φ
1.50
1.60
1.70
* Cumulative tolerance of 10 sprocket holes is ±0.20 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com