Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EALED55X46-R Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # EALED55X46-R
Description  DOGM GRAPHIC SERIES 128x64 DOTS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EALED55X46-R Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  EALED55X46-R Datasheet HTML 1Page - List of Unclassifed Manufacturers EALED55X46-R Datasheet HTML 2Page - List of Unclassifed Manufacturers EALED55X46-R Datasheet HTML 3Page - List of Unclassifed Manufacturers EALED55X46-R Datasheet HTML 4Page - List of Unclassifed Manufacturers EALED55X46-R Datasheet HTML 5Page - List of Unclassifed Manufacturers EALED55X46-R Datasheet HTML 6Page - List of Unclassifed Manufacturers EALED55X46-R Datasheet HTML 7Page - List of Unclassifed Manufacturers EALED55X46-R Datasheet HTML 8Page - List of Unclassifed Manufacturers EALED55X46-R Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
EA DOGM128-6
Page 7
ELECTRONIC ASSEMBLY reserves
the right to change specifications
without prior notice. Printing and
typographical
errors
reserved.
12:00 VIEWING ANGLE,TOP VIEW OPTION
If the display is read mostly from above (on the front of a laboratory power supply unit,
for example), the preferred angle of viewing can be set to 12 o’clock. This rotaties the
display by 180°.Aslightly different initialization setup is required
for this.Also keep in mind that the leftmost column (normally
numbered as 0) will now change to 4.
Assembling for 12:00 (Top View)
Initialisation example top view
Command
A0
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Re mark
(8) ADC set
0
1
0
1
0
0
0
0
0
$A0 ADC normal
(15) Common output mode select
0
1
1
0
0
1
0
0
0
$C8 Reverse COM63~COM0
TOUCH PANEL EA TOUCH128-1 (OPTIONAL)
An analog touch panel is available as an accessory. It has a self-adhesive material on its rear surface and is simply stuck
onto the display. The connection is made by means of a 4-pin flexible cable for a ZIF connector (e.g. EA WF100-04S)
with a grid of 1.0 mm. Bending radius is defined with min. 5mm. For optimum readability we recommend that you use
a backlight with the display.
Interfacing to a processor can be either done by an external touch panel controller or with a controller that is featured
with analogue input. The touch panel is similar to a potentiometer: connecting
a voltage of e.g. 3.3V to the pins
Top-Bottom makes it possible to read
out a voltage on pin Left or Right
which is linear to theY-coordinate of
the pressed point. The X-coordinate
will result when the voltage will be
supplied to
Left-Right
and
measurement is done at Top or
Bottom.
The pinout of the connecting cable is
shown in the drawing.
Specification
Specification
min
max
Unit
Top-Bottom
120
300
Ω
Left-Right
580
900
Ω
Voltage
3
12
V
Current
5
25
mA
Linearity
1,5
%
Force
45
65
g
Contact Bounce
5
10
ms
Op. Temperatur
-20
+60
°C
Stor. Temperatur
-20
+70
°C
Transmission
75
85
%
Life Time
10000
Cycles
ZIF CONNECTOR EA WF100-04S
As an accessory for the touch panel we do
provide a ZIF connector (4 pins) with pitch
1.0mm (SMD type). This connector „bottom
side contact“ type.
alle dimensions are in mm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com