Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SC4227 Datasheet(PDF) 1 Page - NEC

Part # 2SC4227
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4227 Datasheet(HTML) 1 Page - NEC

  2SC4227 Datasheet HTML 1Page - NEC 2SC4227 Datasheet HTML 2Page - NEC 2SC4227 Datasheet HTML 3Page - NEC 2SC4227 Datasheet HTML 4Page - NEC 2SC4227 Datasheet HTML 5Page - NEC 2SC4227 Datasheet HTML 6Page - NEC 2SC4227 Datasheet HTML 7Page - NEC 2SC4227 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©
1993
DATA SHEET
SILICON TRANSISTOR
Document No. P10371EJ2V0DS00 (2nd edition)
(Previous No. TC-2403)
Date Published July 1995 P
Printed in Japan
2SC4227
DESCRIPTION
The 2SC4227 is a low supply voltage transistor designed for VHF,
UHF low noise amplifier.
It is suitable for a high density surface mount assembly since the
transistor has been applied small mini mold package.
FEATURES
Low Noise
NF = 1.4 dB TYP. @ f = 1 GHz, VCE = 3 V, IC = 7 mA
High Gain
|S21e|2 = 12 dB TYP. @ f = 1 GHz, VCE = 3 V, IC = 7 mA
Small Mini Mold Package
EIAJ: SC-70
ORDERING INFORMATION
PART
QUANTITY
PACKING STYLE
NUMBER
2SC4227-T1
3 Kpcs/Reel.
Embossed tape 8 mm wide.
Pin3 (Collector) face to perforation side
of the tape.
2SC4227-T2
3 Kpcs/Reel.
Embossed tape 8 mm wide.
Pin1 (Emitter), Pin2 (Base) face to
perforation side of the tape.
* Please contact with responsible NEC person, if you require evaluation
sample. Unit sample quantity shall be 50 pcs. (Part No.: 2SC4227)
HIGH FREQUENCY LOW NOISE AMPLIFIER
NPN SILICON EPITAXIAL TRANSISTOR
SUPER MINI MOLD
1.25 ± 0.1
2.1 ± 0.1
2
1
3
Marking
PACKAGE DIMENSIONS
in millimeters
PIN CONNECTIONS
1.
2.
3.
Emitter
Base
Collector


Similar Part No. - 2SC4227

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC4227 RENESAS-2SC4227 Datasheet
202Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR
logo
California Eastern Labs
2SC4227 CEL-2SC4227 Datasheet
846Kb / 6P
NPN EPITAXIAL SILICON RF TRANSISTOR
logo
Inchange Semiconductor ...
2SC4227 ISC-2SC4227 Datasheet
172Kb / 8P
Low Noise, High Gain
logo
Renesas Technology Corp
2SC4227 RENESAS-2SC4227 Datasheet
212Kb / 14P
Silicon Transistor
1997
2SC4227 RENESAS-2SC4227_15 Datasheet
202Kb / 9P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN MINIMOLD
More results

Similar Description - 2SC4227

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2351 NEC-2SC2351 Datasheet
30Kb / 4P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC4226 NEC-2SC4226 Datasheet
56Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4228 NEC-2SC4228 Datasheet
49Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4954 NEC-2SC4954 Datasheet
48Kb / 6P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC4955 NEC-2SC4955 Datasheet
44Kb / 6P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC4958 NEC-2SC4958 Datasheet
46Kb / 6P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4959 NEC-2SC4959 Datasheet
47Kb / 6P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC5011 NEC-2SC5011 Datasheet
52Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
2SC5013 NEC-2SC5013 Datasheet
52Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
2SC5015 NEC-2SC5015 Datasheet
51Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com