Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MBR1645 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MBR1645
Description  16A SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBR1645 Datasheet(HTML) 1 Page - Diodes Incorporated

  MBR1645 Datasheet HTML 1Page - Diodes Incorporated MBR1645 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D
S23011 Rev. F-2
1 of 2
MBR1630-MBR1660
MBR1630 - MBR1660
16A SCHOTTKY BARRIER RECTIFIER
Features
L
M
A
N
P
D
E
K
C
B
J
G
R
Pin1+
Pin 1
Pin 2
Pin2-
Case
+
TO-220AC
Dim
Min
Max
A
14.22
15.88
B
9.65
10.67
C
2.54
3.43
D
5.84
6.86
E
¾
6.35
G
12.70
14.73
J
0.51
1.14
K
3.53
Æ 4.09Æ
L
3.56
4.83
M
1.14
1.40
N
0.30
0.64
P
2.03
2.92
R
4.83
5.33
All Dimensions in mm
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Schottky Barrier Chip
·
Guard Ring Die Construction for
Transient Protection
·
Low Power Loss, High Efficiency
·
High Surge Capability
·
High Current Capability and Low Forward
Voltage Drop
·
For Use in Low Voltage, High Frequency
Inverters, Free Wheeling, and Polarity
Protection Applications
·
Plastic Material: UL Flammability
Classification Rating 94V-0
Mechanical Data
·
Case: Molded Plastic
·
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
·
Polarity: See Diagram
·
Weight: 2.24 grams (approx.)
·
Mounting Position: Any
·
Marking: Type Number
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
MBR
1630
MBR
1635
MBR
1640
MBR
1645
MBR
1650
MBR
1660
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
35
40
45
50
60
V
RMS Reverse Voltage
VR(RMS)
21
24.5
28
31.5
35
42
V
Average Rectified Output Current
(Note 1)
@ TC = 125
°C
IO
16
A
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
150
A
Forward Voltage Drop
@ IF =16A, TC = 25
°C
@IF =16A, TC = 125
°C
VFM
0.63
0.57
0.75
0.65
V
Peak Reverse Current
@TC = 25
°C
at Rated DC Blocking Voltage
@ TC = 125
°C
IRM
0.2
40
1.0
50
mA
Typical Junction Capacitance (Note 2)
Cj
450
pF
Typical Thermal Resistance Junction to Case (Note 1)
RqJc
1.5
3
°C/W
Voltage Rate of Change (Rated VR)
dV/dt
1000
10,000
V/
ms
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1.Thermal resistance junction to case mounted on heatsink.
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.


Similar Part No. - MBR1645

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR1645 MOTOROLA-MBR1645 Datasheet
80Kb / 4P
SWITCHMODE??Power Rectifiers
logo
Fairchild Semiconductor
MBR1645 FAIRCHILD-MBR1645 Datasheet
36Kb / 3P
16 Ampere Schottky Barrier Rectifiers
logo
Micro Commercial Compon...
MBR1645 MCC-MBR1645 Datasheet
114Kb / 2P
16 Amp Schottky Barrier Rectifier 20 to 60 Volts
logo
GOOD-ARK Electronics
MBR1645 GOOD-ARK-MBR1645 Datasheet
246Kb / 3P
Schottky Barrier Rectifiers
logo
Diodes Incorporated
MBR1645 DIODES-MBR1645 Datasheet
79Kb / 3P
16A SCHOTTKY BARRIER RECTIFIER
DS23011 Rev. 8 - 2
More results

Similar Description - MBR1645

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB1620CT WTE-SB1620CT Datasheet
39Kb / 3P
16A SCHOTTKY BARRIER RECTIFIER
SB1630 WTE-SB1630 Datasheet
48Kb / 3P
16A SCHOTTKY BARRIER RECTIFIER
SB1630PT WTE-SB1630PT Datasheet
49Kb / 3P
16A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
SBL1630 DIODES-SBL1630 Datasheet
66Kb / 2P
16A SCHOTTKY BARRIER RECTIFIER
DS23045 Rev. C-2
logo
SemiWell Semiconductor
F16M40CT SEMIWELL-F16M40CT Datasheet
165Kb / 3P
16A Schottky Barrier Rectifier
P16M40CT SEMIWELL-P16M40CT Datasheet
157Kb / 3P
16A Schottky Barrier Rectifier
logo
Diodes Incorporated
SBL1630CT DIODES-SBL1630CT_1 Datasheet
70Kb / 3P
16A SCHOTTKY BARRIER RECTIFIER
DS23014 Rev. 7 - 2
SBL1640CT DIODES-SBL1640CT Datasheet
93Kb / 3P
16A SCHOTTKY BARRIER RECTIFIER
Rev erse
MBR1635 DIODES-MBR1635_15 Datasheet
160Kb / 4P
16A SCHOTTKY BARRIER RECTIFIER
Rev 9
SBL1630PT DIODES-SBL1630PT_15 Datasheet
63Kb / 3P
16A SCHOTTKY BARRIER RECTIFIER
Rev erse
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com