Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

441-R360C-GR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 441-R360C-GR
Description  In-Line Fuse Holders
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

441-R360C-GR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  441-R360C-GR Datasheet HTML 1Page - List of Unclassifed Manufacturers 441-R360C-GR Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
In-Line Fuse Holders
441-R360A-GR, 441-R360B-GR,
441-R360C-GR, 441-R360D-GR
EPD-200779
Date Last Revised: 6-4-12
280±15
(11.02±.59)
37.5
(1.47)
32
(1.30)
29
(1.14)
13.2±.30
(.52±.012)
12.2±.30
(.48±.012)
Wire
LED
PVC 105°C Black
DIMENSIONS: mm (in.)
Available from Mouser Electronics
1-800-346-6873 / www.mouser.com
Specifications are subject to change without notice. No liability or warranty implied by this information. Environmental compliance based on producer documentation.
SPECIFICATIONS
• Insulation Resistance: 500VDC 100MΩ Min.
• Dielectric Strength: 1000VAC 1 Min.
• Operating Temperature: -20°C~+85°C
• RoHS Compliant
Mouser
Stock No.
Rating
Wire
Gauge
Wire
Color
441-R360A-GR
30A/12-24VDC
12AWG
RED
441-R360B-GR
20A/12-24VDC
14AWG
RED
441-R360C-GR
15A/12-24VDC
16AWG
RED
441-R360D-GR
10A/12-24VDC
18AWG
RED


Similar Part No. - 441-R360C-GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
441-R361A-GRX ETC2-441-R361A-GRX Datasheet
81Kb / 2P
Fuse Holder
441-R364-GR ETC2-441-R364-GR Datasheet
182Kb / 2P
In-Line Fuse Holder
441-R367-GR ETC2-441-R367-GR Datasheet
82Kb / 2P
Fuse Holder
More results

Similar Description - 441-R360C-GR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LEB LITTELFUSE-LEB Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
LEC LITTELFUSE-LEC Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
LET LITTELFUSE-LET Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
LEX LITTELFUSE-LEX Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
WPB1 LITTELFUSE-WPB1 Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
WPB3 LITTELFUSE-WPB3 Datasheet
642Kb / 4P
In-Line Watertight Fuse Holders
logo
Cooper Bussmann, Inc.
HRK-R COOPER-HRK-R Datasheet
152Kb / 1P
Universal In-Line Fuse Holders
logo
List of Unclassifed Man...
HHC ETC1-HHC Datasheet
299Kb / 2P
Automotive in-line fuse holders
HHL ETC1-HHL Datasheet
225Kb / 2P
Automotive in-line fuse holders
logo
Littelfuse
LEB LITTELFUSE-LEB_V01 Datasheet
1Mb / 6P
IN-LINE WATERTIGHT FUSE HOLDERS
Rev: 052720
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com