Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UM3202 Datasheet(PDF) 9 Page - Union Semiconductor, Inc.

Part # UM3202
Description  2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Application
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIONSEMI [Union Semiconductor, Inc.]
Direct Link  http://www.union-ic.com
Logo UNIONSEMI - Union Semiconductor, Inc.

UM3202 Datasheet(HTML) 9 Page - Union Semiconductor, Inc.

Back Button UM3202 Datasheet HTML 5Page - Union Semiconductor, Inc. UM3202 Datasheet HTML 6Page - Union Semiconductor, Inc. UM3202 Datasheet HTML 7Page - Union Semiconductor, Inc. UM3202 Datasheet HTML 8Page - Union Semiconductor, Inc. UM3202 Datasheet HTML 9Page - Union Semiconductor, Inc. UM3202 Datasheet HTML 10Page - Union Semiconductor, Inc. UM3202 Datasheet HTML 11Page - Union Semiconductor, Inc. UM3202 Datasheet HTML 12Page - Union Semiconductor, Inc. UM3202 Datasheet HTML 13Page - Union Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
________________________________________________________________________
http://www.union-ic.com
Rev.06 Sep.2013
9/13
UM3202
Pullup or Pulldown Resistors on I/O Lines
Each A-port I/O has an internal 10-kΩ pullup resistor to VCCA, and each B-port I/O has an internal
10-kΩ pullup resistor to VCCB. If a smaller value of pullup resistor is required, an external resistor
must be added from the I/O to VCCA or VCCB (in parallel with the internal 10-kΩ resistor).
Test Circuits
A. CL includes probe and jig capacitances.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by
the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by
the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR≤100MHz,
ZO=50Ω, dv/dt≥1V/ns.
D. The outputs are measured one at a time, with one transition per measurement.
E. TPLZ and TPHZ are the same as tdis.
F. TPZL and TPZH are the same as ten.
G. TPLH and TPHL are the same as tpd.
H. VCCI is the VCC associated with the input port.
I. VCCO is the VCC associated with the output port.
J. All parameters and waveforms are not applicable to all devices.
Figure 2 Load Circuits and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com