Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB2-H-6002 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # USB2-H-6002
Description  USB2-H-6002 High-Speed USB to 2-Port RS422 Adapter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

USB2-H-6002 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button USB2-H-6002 Datasheet HTML 17Page - List of Unclassifed Manufacturers USB2-H-6002 Datasheet HTML 18Page - List of Unclassifed Manufacturers USB2-H-6002 Datasheet HTML 19Page - List of Unclassifed Manufacturers USB2-H-6002 Datasheet HTML 20Page - List of Unclassifed Manufacturers USB2-H-6002 Datasheet HTML 21Page - List of Unclassifed Manufacturers USB2-H-6002 Datasheet HTML 22Page - List of Unclassifed Manufacturers USB2-H-6002 Datasheet HTML 23Page - List of Unclassifed Manufacturers USB2-H-6002 Datasheet HTML 24Page - List of Unclassifed Manufacturers USB2-H-6002 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Document Reference No.: ES_000019
USB2-H-6002 Hi-Speed USB to 2-Port RS422 Adapter Data Sheet
Version 1.01
Clearance No.: ES
#22
©2010 EasySync Ltd.
21
7 Environmental Approvals & Declarations
7.1 EMI Compatibility
FCC and CE
The USB2-H-6002 has been tested to be compliant with both FCC Part 15 Subpart B and European EMC
Directive.
NOTE: This is a Class B product. In a domestic environment, this product may cause radio interference,
in which case the user may be required to take adequate measures.
NOTE: This equipment has been tested and found to comply with the limits for a Class B digital device,
pursuant to Part 15 of the FCC Rules. These limits are designed to provide reasonable protection against
harmful interference in a residential installation. This equipment generates uses and can radiate radio
frequency energy and, if not installed and used in accordance with the instructions, may cause harmful
interference to radio communications. However, there is no guarantee that interference will not occur in a
particular installation. If this equipment does cause harmful interference to radio or television reception,
which can be determined by turning the equipment off and on, the user is encouraged to try to correct
the interference by one or more of the following measures:
Reorient or relocate the receiving antenna.
Increase the separation between the equipment and receiver.
Connect the equipment into an outlet on a circuit different from that to which the receiver is
connected.
Consult the dealer or an experienced radio/TV technician for help.
7.2 Safety
The USB2-H-6002 is defined as Limited Power Supply (LPS) device, with operating voltages under
60VDC.
7.3 Environmental
The USB2-H-6002 is a lead-free device that complies with the following environmental directives: RoHS,
WEEE, REACH, PFOS and DecaBDE.
7.4 Reliability
The USB2-H-6002 is designed as a robust USB-Serial adapter for use in many environments. There are
no user-serviceable parts. Any failure will require a replacement of the unit.
7.4.1 MTTF
The Mean Time To Failure is calculated at TBD hours.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com