Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SC5015 Datasheet(PDF) 1 Page - NEC

Part # 2SC5015
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5015 Datasheet(HTML) 1 Page - NEC

  2SC5015 Datasheet HTML 1Page - NEC 2SC5015 Datasheet HTML 2Page - NEC 2SC5015 Datasheet HTML 3Page - NEC 2SC5015 Datasheet HTML 4Page - NEC 2SC5015 Datasheet HTML 5Page - NEC 2SC5015 Datasheet HTML 6Page - NEC 2SC5015 Datasheet HTML 7Page - NEC 2SC5015 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©
1993
DATA SHEET
SILICON TRANSISTOR
Document No. P10394EJ2V0DS00 (2nd edition)
(Previous No. TD-7938)
Date Published August 1995 P
Printed in Japan
2SC5015
FEATURES
Small Package
High Gain Bandwidth Product (fT = 12 GHz TYP.)
Low Noise, High Gain
Low Voltage Operation
ORDERING INFORMATION
PART
QUANTITY
PACKING STYLE
NUMBER
2SC5015-T1
3 Kpcs/Reel.
Embossed tape 8 mm wide.
Pin3 (Base), Pin4 (Emitter) faceto
perforation side of the tape.
2SC5015-T2
3 Kpcs/Reel.
Embossed tape 8 mm wide.
Pin1 (Collector), Pin2 (Emitter) faceto
perforation side of the tape.
* Please contact with responsible NEC person, if you require evaluation
sample.Unit sample quantity shall be 50 pcs. (Part No.: 2SC5014)
ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C)
Collector to Base Voltage
VCBO
9V
Collector to Emitter Voltage
VCEO
6V
Emitter to Base Voltage
VEBO
2V
Collector Current
IC
30
mA
Total Power Dissipation
PT
150
mW
Junction Temperature
Ti
150
˚ C
Storage Temperature
Tstg
–65 to + 150
˚ C
HIGH FREQUENCY LOW NOISE AMPLIFIER
NPN SILICON EPITAXIAL TRANSISTOR
4 PINS SUPER MINI MOLD
Caution: Electrostatic Sensitive Device
PACKAGE DIMENSIONS
in millimeters
2.1 ± 0.2
1.25 ± 0.1
0.3
(LEADS 2, 3, 4)
+0.1
–0.05
23
1
4
0.4
+0.1
–0.05
0 to 0.1
0.15
+0.1
–0.05
PIN CONNECTIONS
1. Collector
2. Emitter
3. Base
4. Emitter


Similar Part No. - 2SC5015

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5015 RENESAS-2SC5015 Datasheet
182Kb / 10P
NPN EPITAXIAL SILICON RF TRANSISTOR
logo
California Eastern Labs
2SC5015 CEL-2SC5015 Datasheet
1Mb / 7P
NPN EPITAXIAL SILICON RF TRANSISTOR
logo
Renesas Technology Corp
2SC5015-T1 RENESAS-2SC5015-T1 Datasheet
182Kb / 10P
NPN EPITAXIAL SILICON RF TRANSISTOR
2SC5015 RENESAS-2SC5015_15 Datasheet
182Kb / 10P
NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN SUPER MINIMOLD (18)
More results

Similar Description - 2SC5015

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4092 NEC-2SC4092 Datasheet
82Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4226 NEC-2SC4226 Datasheet
56Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4956 NEC-2SC4956 Datasheet
48Kb / 6P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4957 NEC-2SC4957 Datasheet
49Kb / 6P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4958 NEC-2SC4958 Datasheet
46Kb / 6P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4959 NEC-2SC4959 Datasheet
47Kb / 6P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC5011 NEC-2SC5011 Datasheet
52Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
2SC5012 NEC-2SC5012 Datasheet
50Kb / 7P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
2SC5013 NEC-2SC5013 Datasheet
52Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
2SC5014 NEC-2SC5014 Datasheet
49Kb / 8P
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com