Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SC5181 Datasheet(PDF) 7 Page - NEC

Part # 2SC5181
Description  NPN EPITAXIAL SILICON TRANSISTOR IN ULTRA SUPER MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5181 Datasheet(HTML) 7 Page - NEC

  2SC5181 Datasheet HTML 1Page - NEC 2SC5181 Datasheet HTML 2Page - NEC 2SC5181 Datasheet HTML 3Page - NEC 2SC5181 Datasheet HTML 4Page - NEC 2SC5181 Datasheet HTML 5Page - NEC 2SC5181 Datasheet HTML 6Page - NEC 2SC5181 Datasheet HTML 7Page - NEC 2SC5181 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2SC5181
7
VCE = 2 V, IC = 5 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
MHz
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
ANG
–37.8
–41.6
–45.6
–49.2
–51.6
–54.0
–58.9
–61.2
–66.0
ANG
–51.7
–61.1
–66.2
–71.9
–74.8
–78.2
–80.9
–95.6
–108.3
MAG
0.676
0.560
0.478
0.445
0.413
0.383
0.345
0.317
0.301
ANG
61.7
58.5
57.5
58.5
57.3
55.4
55.4
55.5
52.6
MAG
7.390
6.057
5.136
4.579
4.043
3.597
3.298
3.042
2.746
MAG
0.080
0.103
0.125
0.146
0.168
0.187
0.207
0.218
0.232
MAG
0.539
0.415
0.332
0.280
0.228
0.183
0.157
0.123
0.084
ANG
117.1
105.3
95.5
88.7
83.3
76.8
72.2
69.1
63.7
FREQUENCY
S11
S21
S12
S22
MHz
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
ANG
–38.1
–40.7
–43.4
–45.9
–48.0
–50.5
–54.8
–56.9
–62.3
ANG
–56.3
–65.1
–67.8
–73.1
–74.5
–77.3
–79.7
–99.2
–123.7
MAG
0.610
0.507
0.434
0.407
0.386
0.359
0.323
0.301
0.286
ANG
63.0
59.0
57.7
60.4
59.5
58.3
57.4
57.5
54.8
MAG
7.920
6.345
5.311
4.689
4.103
3.643
3.335
3.065
2.760
MAG
0.070
0.097
0.118
0.141
0.162
0.184
0.204
0.214
0.231
MAG
0.442
0.331
0.257
0.213
0.168
0.132
0.110
0.081
0.048
ANG
111.3
100.3
91.1
85.1
80.1
73.8
69.8
66.9
61.7
VCE = 2 V, IC = 10 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
MHz
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
ANG
–36.5
–38.3
–40.1
–42.2
–44.8
–46.6
–50.6
–52.5
–58.0
ANG
–60.7
–68.8
–70.8
–75.7
–77.9
–80.4
–82.4
–114.2
–166.0
MAG
0.565
0.475
0.414
0.392
0.377
0.352
0.321
0.298
0.286
ANG
61.8
62.0
61.6
62.5
61.1
59.7
59.3
58.9
56.0
MAG
8.135
6.411
5.335
4.674
4.068
3.610
3.301
3.027
2.724
MAG
0.068
0.090
0.113
0.139
0.157
0.180
0.198
0.211
0.228
MAG
0.358
0.264
0.199
0.158
0.121
0.089
0.073
0.052
0.030
ANG
106.8
96.5
87.8
82.4
77.5
71.4
67.8
65.1
59.9
VCE = 2 V, IC = 7 mA, ZO = 50



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com