Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SC5183 Datasheet(PDF) 7 Page - NEC

Part # 2SC5183
Description  NPN EPITAXIAL SILICON TRANSISTOR IN 4-PIN MINI-MOLD PACKAGE FOR LOW-NOISE MICROWAVE AMPLIFICATION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5183 Datasheet(HTML) 7 Page - NEC

Back Button 2SC5183 Datasheet HTML 3Page - NEC 2SC5183 Datasheet HTML 4Page - NEC 2SC5183 Datasheet HTML 5Page - NEC 2SC5183 Datasheet HTML 6Page - NEC 2SC5183 Datasheet HTML 7Page - NEC 2SC5183 Datasheet HTML 8Page - NEC 2SC5183 Datasheet HTML 9Page - NEC 2SC5183 Datasheet HTML 10Page - NEC 2SC5183 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
2SC5183
VCE = 2 V, IC = 1 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
MHz
200.00
400.00
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.z0
2000.00
2200.00
2400.00
2600.00
2800.00
3000.00
MAG
0.944
0.903
0.840
0.773
0.684
0.606
0.539
0.484
0.432
0.422
0.408
0.418
0.428
0.444
0.471
ANG
–16.2
–31.6
–47.7
–63.7
–79.5
–96.4
–112.9
–128.8
–144.8
–161.6
–175.8
169.6
156.9
146.3
135.0
MAG
3.536
3.412
3.270
3.130
2.932
2.693
2.503
2.298
2.104
1.968
1.807
1.717
1.619
1.527
1.427
ANG
165.1
151.1
137.7
123.8
111.7
100.0
89.5
79.2
70.6
62.3
54.9
47.8
41.4
34.3
27.9
MAG
0.039
0.074
0.108
0.133
0.154
0.172
0.181
0.181
0.183
0.184
0.187
0.189
0.188
0.199
0.196
ANG
79.8
68.9
60.6
51.5
43.3
36.6
30.9
26.2
21.3
18.9
16.4
14.3
12.2
13.9
13.5
MAG
0.983
0.953
0.911
0.853
0.797
0.735
0.675
0.628
0.585
0.553
0.526
0.488
0.467
0.446
0.419
ANG
–8.7
–17.1
–25.0
–32.6
–37.9
–44.3
–50.7
–54.5
–59.8
–63.6
–67.9
–72.5
–75.4
–81.4
–91.1
VCE = 2 V, IC = 3 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
MAG
0.827
0.713
0.582
0.476
0.381
0.322
0.285
0.258
0.248
0.263
0.276
0.300
0.337
0.353
0.381
MHz
200.00
400.00
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
2400.00
2600.00
2800.00
3000.00
ANG
–25.9
–47.8
–67.5
–85.7
–103.9
–123.1
–141.8
–160.4
–178.5
165.2
152.1
142.8
133.1
125.5
115.9
MAG
9.104
7.914
6.749
5.790
4.988
4.304
3.812
3.399
3.026
2.776
2.523
2.368
2.218
2.095
1.935
ANG
156.0
136.1
120.1
106.1
95.3
85.7
77.4
69.8
63.2
56.6
50.7
45.1
39.8
33.7
27.9
MAG
0.037
0.068
0.088
0.103
0.118
0.125
0.137
0.148
0.162
0.168
0.182
0.192
0.206
0.222
0.225
ANG
77.0
59.6
56.1
51.5
45.6
43.7
39.8
41.5
39.1
37.1
35.0
33.1
31.3
29.5
25.9
MAG
0.943
0.831
0.731
0.632
0.555
0.501
0.445
0.408
0.370
0.339
0.324
0.292
0.273
0.252
0.228
ANG
–15.4
–28.1
–37.2
–44.0
–47.6
–52.6
–57.0
–61.2
–65.2
–69.6
–73.6
–78.0
–81.2
–86.9
–102.4
VCE = 2 V, IC = 5 mA, ZO = 50
FREQUENCY
S11
S21
S12
S22
MHz
200.00
400.00
600.00
800.00
1000.00
1200.00
1400.00
1600.00
1800.00
2000.00
2200.00
2400.00
2600.00
2800.00
3000.00
MAG
0.734
0.576
0.432
0.337
0.263
0.216
0.206
0.191
0.199
0.230
0.250
0.273
0.313
0.341
0.362
ANG
–32.7
–57.2
–77.6
–96.1
–116.6
–138.0
–160.4
–179.5
161.0
150.7
138.1
131.2
124.0
117.4
109.1
MAG
12.966
10.301
8.183
6.721
5.619
4.788
4.191
3.722
3.298
3.024
2.741
2.565
2.394
2.257
2.089
ANG
149.3
126.8
111.1
98.3
88.8
80.4
73.1
66.5
60.3
54.5
48.8
43.7
38.8
33.2
27.8
MAG
0.035
0.059
0.078
0.092
0.106
0.121
0.136
0.144
0.158
0.167
0.189
0.200
0.217
0.225
0.249
ANG
74.4
60.1
55.5
55.5
51.3
51.2
48.5
47.4
45.1
41.0
40.0
38.1
36.0
33.6
28.1
MAG
0.894
0.735
0.616
0.520
0.455
0.404
0.363
0.329
0.298
0.266
0.264
0.228
0.204
0.193
0.171
ANG
–20.4
–34.3
–42.1
–47.2
–50.3
–53.7
–58.4
–61.8
–67.4
–72.0
–75.7
–82.1
–86.1
–90.5
–112.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com