Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SC2668 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC2668
Description  NPN Plastic-Encapsulated Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC2668 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC2668 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC2668 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2SC2668
0.02A , 40V
NPN Plastic-Encapsulated Transistor
Elektronische Bauelemente
09-Apr-2012 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
3
Base
1
Emitter
Collector
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Small Reverse Transfer Capacitance.
Low Noise Figure.
CLASSIFICATION OF hFE
Product-Rank
2SC2668-R
2SC2668-O
2SC2668-Y
Range
40~80
70~140
100~200
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
40
V
Collector to Emitter Voltage
VCEO
30
V
Emitter to Base Voltage
VEBO
4
V
Collector Current - Continuous
IC
20
mA
Collector Power Dissipation
PC
200
mW
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Collector to Base Breakdown Voltage
V(BR)CBO
40
-
-
V
IC=100µA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
30
-
-
V
IC=1mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
4
-
-
V
IE=100µA, IC=0
Collector Cut–Off Current
ICBO
-
-
0.5
µ
A
VCB=40V, IE=0
Emitter Cut–Off Current
IEBO
-
-
0.5
µ
A
VEB=4V, IC=0
DC Current Gain
hFE
40
-
200
VCE=6V, IC=1mA
Reverse Transfer Capacitance
Cre
-
0.7
-
pF
VCE=6V, f=1MHz
Collector-Base Time Constant
CC • rbb
-
-
30
pS
VCE=6V, IE= -1mA, f=30MHz
Transition Frequency
fT
-
550
-
MHz
VCE=6V, IC=1mA
Power Gain
Gpe
-
18
-
dB
VCC=6V, IC=1mA, f=100MHz
Noise Figure
NF
-
-
5
dB
TO-92S
REF.
Millimeter
Min.
Max.
A
3.90
4.10
B
3.05
3.25
C
1.42
1.62
D
15.1
15.5
E
2.97
3.27
F
0.66
0.86
G
2.44
2.64
H
1.27 REF.
J
0.36
0.48
K
0.36
0.51
L
45°


Similar Part No. - 2SC2668

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2668 TOSHIBA-2SC2668 Datasheet
340Kb / 6P
TRANSISTOR (HIGH FREQUENCY, FM, RF, IF AMPLIFIER APLIFIER APPLICATIONS
logo
Foshan Blue Rocket Elec...
2SC2668 FOSHAN-2SC2668 Datasheet
838Kb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
logo
Jiangsu Changjiang Elec...
2SC2668 JIANGSU-2SC2668 Datasheet
602Kb / 3P
TO-92S Plastic-Encapsulate Transistors
logo
Toshiba Semiconductor
2SC2668 TOSHIBA-2SC2668 Datasheet
134Kb / 1P
MINI PACKAGE SERIES
logo
Micro Commercial Compon...
2SC2668-O MCC-2SC2668-O Datasheet
678Kb / 3P
NPN Plastic-Encapsulate Transistors
More results

Similar Description - 2SC2668

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2N6517 SECOS-2N6517 Datasheet
142Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1008 SECOS-2SC1008 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
2SC1318A SECOS-2SC1318A Datasheet
135Kb / 2P
NPN Plastic Encapsulated Transistor
2SC1923 SECOS-2SC1923 Datasheet
83Kb / 1P
NPN Plastic Encapsulated Transistor
D882S SECOS-D882S Datasheet
214Kb / 2P
NPN Plastic Encapsulated Transistor
2SC4548 SECOS-2SC4548 Datasheet
77Kb / 1P
NPN Plastic Encapsulated Transistor
2SBA42 SECOS-2SBA42 Datasheet
74Kb / 1P
NPN Plastic Encapsulated Transistor
2SD1271A SECOS-2SD1271A Datasheet
595Kb / 2P
NPN Plastic-Encapsulated Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com