Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SC5434 Datasheet(PDF) 4 Page - NEC

Part # 2SC5434
Description  NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5434 Datasheet(HTML) 4 Page - NEC

  2SC5434 Datasheet HTML 1Page - NEC 2SC5434 Datasheet HTML 2Page - NEC 2SC5434 Datasheet HTML 3Page - NEC 2SC5434 Datasheet HTML 4Page - NEC 2SC5434 Datasheet HTML 5Page - NEC 2SC5434 Datasheet HTML 6Page - NEC 2SC5434 Datasheet HTML 7Page - NEC 2SC5434 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SC5434
4
Preliminary Data Sheet
2SC5434
S PARAMETER
VCE = 3 V, IC = 10 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.589
–46.2
15.156
134.5
0.027
63.5
0.772
–23.5
400.00
0.366
–73.1
9.926
112.1
0.038
58.9
0.561
–28.9
600.00
0.265
–91.3
7.179
99.2
0.048
59.0
0.465
–30.3
800.00
0.205
–104.1
5.703
92.4
0.056
61.0
0.429
–31.0
1000.00
0.165
–117.4
4.740
87.6
0.066
62.6
0.415
–30.3
1200.00
0.143
–132.6
4.069
82.7
0.077
63.9
0.398
–28.6
1400.00
0.135
–145.6
3.508
77.5
0.088
64.8
0.377
–28.4
1600.00
0.131
–158.5
3.075
73.8
0.100
65.9
0.353
–29.4
1800.00
0.133
–171.6
2.729
70.5
0.110
68.1
0.335
–31.9
2000.00
0.146
176.2
2.474
67.2
0.120
67.3
0.323
–35.1
2200.00
0.166
168.7
2.285
62.9
0.130
66.7
0.312
–37.1
2400.00
0.184
164.3
2.154
58.8
0.143
65.6
0.293
–40.2
2600.00
0.200
159.7
2.057
56.3
0.158
65.6
0.278
–44.5
2800.00
0.218
155.6
1.918
54.3
0.168
66.4
0.273
–49.0
3000.00
0.236
152.9
1.785
50.7
0.175
65.8
0.265
–52.6
VCE = 3 V, IC = 7 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.687
–38.0
13.645
140.8
0.030
66.7
0.830
–21.6
400.00
0.458
–63.0
9.604
118.2
0.044
58.2
0.613
–30.3
600.00
0.339
–80.5
7.166
104.1
0.054
56.2
0.497
–34.0
800.00
0.264
–92.0
5.746
96.1
0.062
57.4
0.447
–35.5
1000.00
0.210
–102.5
4.830
90.8
0.072
58.2
0.422
–34.6
1200.00
0.172
–115.0
4.162
85.7
0.082
59.5
0.396
–32.8
1400.00
0.153
–127.5
3.604
80.1
0.093
60.3
0.370
–32.5
1600.00
0.141
–140.3
3.164
76.0
0.105
62.1
0.343
–33.4
1800.00
0.134
–154.2
2.816
72.5
0.114
64.1
0.324
–35.5
2000.00
0.139
–168.8
2.546
69.0
0.122
64.1
0.309
–38.2
2200.00
0.155
–179.6
2.355
64.7
0.133
63.2
0.296
–40.0
2400.00
0.172
173.9
2.219
60.5
0.145
62.2
0.276
–43.1
2600.00
0.187
168.0
2.120
57.9
0.159
62.4
0.261
–47.1
2800.00
0.203
162.6
1.983
55.9
0.170
63.3
0.255
–51.5
3000.00
0.221
159.0
1.843
52.3
0.176
62.9
0.247
–54.9
VCE = 3 V, IC = 5 mA, Z0 = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
200.00
0.777
–30.9
11.368
147.0
0.032
69.9
0.883
–18.7
400.00
0.562
–53.6
8.634
125.2
0.051
57.8
0.688
–29.1
600.00
0.431
–71.4
6.753
109.9
0.062
53.9
0.559
–35.3
800.00
0.344
–82.7
5.525
100.7
0.071
53.6
0.496
–38.3
1000.00
0.273
–91.9
4.677
94.6
0.080
53.4
0.460
–38.2
1200.00
0.220
–102.3
4.070
88.9
0.089
53.9
0.424
–36.8
1400.00
0.189
–113.6
3.534
82.8
0.099
54.9
0.391
–36.7
1600.00
0.165
–125.3
3.113
78.1
0.109
57.1
0.358
–37.6
1800.00
0.149
–138.6
2.768
74.2
0.118
58.9
0.336
–39.7
2000.00
0.143
–154.5
2.513
70.6
0.125
58.9
0.319
–42.1
2200.00
0.153
–168.3
2.326
65.9
0.135
58.2
0.303
–43.9
2400.00
0.167
–177.1
2.189
61.6
0.146
57.8
0.282
–47.1
2600.00
0.180
175.5
2.092
58.8
0.160
58.0
0.266
–51.3
2800.00
0.194
168.8
1.955
56.7
0.168
59.4
0.259
–55.2
3000.00
0.210
163.5
1.819
53.1
0.174
59.0
0.252
–58.5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com