Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

XT2116 Datasheet(PDF) 3 Page - Dynex Semiconductor

Part # XT2116
Description  Fast Turn-on Asymmetric Thyristor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

XT2116 Datasheet(HTML) 3 Page - Dynex Semiconductor

  XT2116 Datasheet HTML 1Page - Dynex Semiconductor XT2116 Datasheet HTML 2Page - Dynex Semiconductor XT2116 Datasheet HTML 3Page - Dynex Semiconductor XT2116 Datasheet HTML 4Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
XT2116
3/4
GATE TRIGGER CHARACTERISTICS AND RATINGS
V
DWM = 12V
Typ.
Max.
Units
Conditions
Parameter
Symbol
V
GT
Gate trigger voltage
V
DWM = 12V
I
GT
Gate trigger current
0.9
3.0
V
-
100*
mA
V
FGM
Peak forward gate voltage
-
-
40
V
V
RGM
Peak reverse gate voltage
I
FGM
Peak forward gate current
-
P
GM
Peak gate power
-
-10
V
-10
A
-40
W
-10
W
-
-
P
G(AV)
Average gate power
T
case
= 25˚C unless otherwise stated.
*
Recommended trigger current not less than 500mA, t
r
< 50ns.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com