Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L7805ABV Datasheet(PDF) 21 Page - STMicroelectronics

Part # L7805ABV
Description  Positive voltage regulator ICs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7805ABV Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L7805ABV Datasheet HTML 17Page - STMicroelectronics L7805ABV Datasheet HTML 18Page - STMicroelectronics L7805ABV Datasheet HTML 19Page - STMicroelectronics L7805ABV Datasheet HTML 20Page - STMicroelectronics L7805ABV Datasheet HTML 21Page - STMicroelectronics L7805ABV Datasheet HTML 22Page - STMicroelectronics L7805ABV Datasheet HTML 23Page - STMicroelectronics L7805ABV Datasheet HTML 24Page - STMicroelectronics L7805ABV Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
DocID2143 Rev 32
21/58
Positive voltage regulator ICs
Electrical characteristics
58
Refer to the test circuits, TJ = 0 to 125 °C, VI = 19 V, IO = 500 mA, CI = 0.33 µF, CO = 0.1 µF
unless otherwise specified(m).
m. Minimum load current for regulation is 5 mA.
Table 15. Electrical characteristics of L7812C
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
TJ = 25°C
11.5
12
12.5
V
VO
Output voltage
IO = 5 mA to 1 A, VI = 14.5 to 25 V
11.4
12
12.6
V
VO
Output voltage
IO = 1 A, VI = 25 to 27 V, TJ = 25°C
11.4
12
12.6
V
ΔVO(1)
Line regulation
VI = 14.5 to 30 V, TJ = 25°C
240
mV
VI = 16 to 22 V, TJ = 25°C
120
ΔVO(1)
Load regulation
IO = 5 mA to 1.5 A, TJ = 25°C
240
mV
IO = 250 to 750 mA, TJ = 25°C
120
Id
Quiescent current
TJ = 25°C
8
mA
ΔId
Quiescent current change
IO = 5 mA to 1 A
0.5
mA
VI = 14.5 to 30 V
1
ΔVO/ΔT Output voltage drift
IO = 5 mA
-1
mV/°C
eN
Output noise voltage
B = 10 Hz to 100 kHz, TJ = 25°C
75
µV/VO
SVR
Supply voltage rejection
VI = 15 to 25 V, f = 120 Hz
55
dB
Vd
Dropout voltage
IO = 1 A, TJ = 25°C
2
V
RO
Output resistance
f = 1 kHz
18
m
Ω
Isc
Short circuit current
VI = 35 V, TJ = 25°C
0.35
A
Iscp
Short circuit peak current
TJ = 25°C
2.2
A
1.
Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be
taken into account separately. Pulse testing with low duty cycle is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com