Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SCS70DSTN Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS70DSTN
Description  Silicon Epitaxial Planar Schottky Barrier Rectifiers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS70DSTN Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS70DSTN Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Elektronische Bauelemente
SCS70DSTN
0.07 A, 70 V
Silicon Epitaxial Planar Schottky Barrier Rectifiers
22-Nov-2013 Rev. B
Page 1 of 1
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
Planar Schottky barrier diode with an integrated guard ring
for stress protection
FEATURES
●
Low diode capacitance
●
Low forward voltage
●
Guard ring protected
●
High breakdown voltage
APPLICATION
●
Ultra high-speed switching
●
Voltage clamping
●
Mobile communication ,digital (still) cameras ,
PDAs and PCMCIA cards
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
WBFBP-02C
10K
7 inch
MAXIMUM RATINGS CHARACTERISTICS(TA=25°C unless otherwise specified)
Parameter
Symbol
Limits
Unit
DC reverse voltage
VR
70
V
Forward continuous current
IF
70
mA
Peak forward surge current @ Tp< 10ms
IFSM
100
mA
Power Dissipation
Pd
250
mW
Thermal resistance junction to ambient
RθJA
400
℃
/ W
Junction, Storage Temperature Range
TJ, TSTG
125, -55 ~ 150
℃
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameters
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
-
-
0.41
IF=1mA
-
-
0.75
IF=10mA
Forward Voltage
VF
-
-
1
V
IF=15mA
-
-
100
VR=50V
Reverse Current
1
IR
-
-
500
nA
VR=70V
Diode capacitance
Cd
-
2
-
pF
VR = 0V, f=1.0MHz
Note:
1. Pulse Test: Pulse width=300μs;Duty cycle=0.02.
WBFBP-02C
S5
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.950
1.050
G
0.275
0.325
B
0.550
0.650
H
0.275
0.325
C
0.450
0.550
J
0.275
0.325
D
0.450 REF.
K
0.675
0.725
E
0.400 REF.
L
0.010
0.070
F
0.275
0.325
M
0.010 REF.


A
C
B
F
M
M
G
J
H
K
E
D
L


Similar Part No. - SCS70DSTN

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS70DSTN-C SECOS-SCS70DSTN-C Datasheet
175Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS70DSTN SECOS-SCS70DSTN_15 Datasheet
98Kb / 1P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
More results

Similar Description - SCS70DSTN

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS521DS SECOS-SCS521DS Datasheet
256Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS0240DF SECOS-SCS0240DF Datasheet
244Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS40STN SECOS-SCS40STN Datasheet
325Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS40STN SECOS-SCS40STN_15 Datasheet
325Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS0240DF SECOS-SCS0240DF_15 Datasheet
233Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS40STN-C SECOS-SCS40STN-C Datasheet
313Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS70DSTN-C SECOS-SCS70DSTN-C Datasheet
175Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS521U SECOS-SCS521U Datasheet
340Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS751U-C SECOS-SCS751U-C Datasheet
257Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
SCS521DS SECOS-SCS521DS_16 Datasheet
250Kb / 2P
Silicon Epitaxial Planar Schottky Barrier Rectifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com